Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN7511 Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # AN7511
Description  1-W BTL audio power amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN7511 Datasheet(HTML) 8 Page - Panasonic Semiconductor

  AN7511 Datasheet HTML 1Page - Panasonic Semiconductor AN7511 Datasheet HTML 2Page - Panasonic Semiconductor AN7511 Datasheet HTML 3Page - Panasonic Semiconductor AN7511 Datasheet HTML 4Page - Panasonic Semiconductor AN7511 Datasheet HTML 5Page - Panasonic Semiconductor AN7511 Datasheet HTML 6Page - Panasonic Semiconductor AN7511 Datasheet HTML 7Page - Panasonic Semiconductor AN7511 Datasheet HTML 8Page - Panasonic Semiconductor AN7511 Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
AN7511, AN7511S
ICs for Audio Common Use
8
50
55
60
65
70
75
80
85
90
95
100
10
100
1 000
10 000
100 000
Frequency f (Hz)
MT
VCC
= 5 V
PO
= 0.25 W
RL
= 8 Ω
Rg
= 10 kΩ
VSTB
= 5 V
VMUTE
= 0 V
0
10
20
30
40
50
60
70
80
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Standby voltage V
STB (V)
ICQ
VCC
= 5 V
RL
= 8 Ω
Rg
= 10 kΩ
VMUTE
= 0 V
I Technical Data (continued)
2. Main characteristics (continued)
MT
 fI
CQ  VSTB
3. Example of PCB pattern
GND
Mute
VIN
Standby
Out
+
Out
VCC
GND
876
5
12
3
4


Similar Part No. - AN7511

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7511 PANASONIC-AN7511 Datasheet
278Kb / 25P
   BTL Audio Power IC
logo
List of Unclassifed Man...
AN7511 ETC2-AN7511 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Panasonic Semiconductor
AN7511S PANASONIC-AN7511S Datasheet
278Kb / 25P
   BTL Audio Power IC
More results

Similar Description - AN7511

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8541 PHILIPS-TDA8541 Datasheet
190Kb / 20P
   1 W BTL audio amplifier
1998 Apr 01
TDA8541 PHILIPS-TDA8541_15 Datasheet
194Kb / 18P
   1 W BTL audio amplifier
1998 Apr 01
TDA7052 PHILIPS-TDA7052 Datasheet
44Kb / 8P
   1 W BTL mono audio amplifier
July 1994
logo
Hitachi Semiconductor
HA13118 HITACHI-HA13118 Datasheet
50Kb / 8P
   18 W BTL Audio Power Amplifier
logo
NXP Semiconductors
TDA8542 PHILIPS-TDA8542 Datasheet
162Kb / 20P
   2 x 1 W BTL audio amplifier
1998 Apr 01
logo
Panasonic Semiconductor
AN7164 PANASONIC-AN7164 Datasheet
39Kb / 3P
   30 W BTL audio power amplifier
logo
NXP Semiconductors
SA58631 NXP-SA58631 Datasheet
130Kb / 21P
   3 W BTL audio amplifier
Rev. 02-12 October 2007
SA58631 PHILIPS-SA58631 Datasheet
373Kb / 19P
   3 W BTL audio amplifier
Rev. 01-1 December 2005
TDA8543 PHILIPS-TDA8543 Datasheet
201Kb / 20P
   2 W BTL audio amplifier
1997 Jun 12
SA58631 PHILIPS-SA58631_15 Datasheet
138Kb / 21P
   3 W BTL audio amplifier
Rev. 02-12 October 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com