Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM6051 Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM6051
Description  Built-in Melody Circuit and LCD Driver 4-Bit Microcontroller
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6051 Datasheet(HTML) 1 Page - OKI electronic componets

  MSM6051 Datasheet HTML 1Page - OKI electronic componets MSM6051 Datasheet HTML 2Page - OKI electronic componets MSM6051 Datasheet HTML 3Page - OKI electronic componets MSM6051 Datasheet HTML 4Page - OKI electronic componets MSM6051 Datasheet HTML 5Page - OKI electronic componets MSM6051 Datasheet HTML 6Page - OKI electronic componets MSM6051 Datasheet HTML 7Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
MSM6051
¡ Semiconductor
GENERAL DESCRIPTION
The MSM6051 is a low-power microcontroller manufactured in complementary metal-oxide
semiconductor technology. Integrated into a single chip are ROM, RAM, crystal oscillator,
voltage doubler, timer, melody circuit, LCD driver, input port, and output port.
Using the on-chip ROM for application code reduces power consumption.
The MSM6051 is widely used in electronic products requiring low-power operation, such as
stopwatches with lap time memory, calculator watches, and handy terminals.
FEATURES
• Low power consumption
• Internal ROM
: 2560 ¥ 14 bits
• Internal RAM
: 120 ¥ 4 bits
• Input port
: 2 ports ¥ 4 bits, 1 port ¥ 1 bit
• Output port
: 1 port ¥ 4 bits
•4 ¥ 4 key matrix input is available by using K1 to K4 and M1 to M4
• 66 LCD drivers (including 3 commons) (1/3 duty, 1/3 bias, 189 segments)
• 59 instructions
• Minimum instruction execution time : 91.5 ms (Display instruction cycle : 183 ms)
• 1.5 V operating voltage (Can be changed to the lithium battery version by mask option)
• Melody function
: Up to 512 notes can be played automatically (with an
envelope)
• Lamp drivers
• Crystal oscillator
: 32.768 kHz
• Chip (102 pads)
¡ Semiconductor
MSM6051
Built-in Melody Circuit and LCD Driver 4-Bit Microcontroller
E2E0009-38-94
This version: Sep. 1998
Previous version: Mar. 1996


Similar Part No. - MSM6051

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6052 OKI-MSM6052 Datasheet
851Kb / 21P
   TONE/PULSE SWITCHABLE REPERTORY DIALER
MSM6052-11RS OKI-MSM6052-11RS Datasheet
851Kb / 21P
   TONE/PULSE SWITCHABLE REPERTORY DIALER
MSM6052-70GS OKI-MSM6052-70GS Datasheet
851Kb / 21P
   TONE/PULSE SWITCHABLE REPERTORY DIALER
MSM6052-71RS OKI-MSM6052-71RS Datasheet
851Kb / 21P
   TONE/PULSE SWITCHABLE REPERTORY DIALER
MSM6052-XX OKI-MSM6052-XX Datasheet
851Kb / 21P
   TONE/PULSE SWITCHABLE REPERTORY DIALER
More results

Similar Description - MSM6051

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM64152A OKI-MSM64152A Datasheet
142Kb / 25P
   4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64153A OKI-MSM64153A Datasheet
146Kb / 25P
   4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64155A OKI-MSM64155A Datasheet
150Kb / 26P
   4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64P155 OKI-MSM64P155 Datasheet
181Kb / 29P
   4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64158A OKI-MSM64158A Datasheet
142Kb / 25P
   4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
ML63293 OKI-ML63293 Datasheet
54Kb / 5P
   4-Bit Microcontroller with Built-in LCD Driver ( 68SEG. 32COM. ) and Melody Circuit
ML63295A OKI-ML63295A Datasheet
223Kb / 38P
   4-Bit Microcontroller with Built-in 3072-Dot Matrix LCD Driver and Melody Circuit
ML63193 OKI-ML63193 Datasheet
193Kb / 37P
   4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Driver and Melody Circuit.
MSM5052 OKI-MSM5052 Datasheet
161Kb / 12P
   Built-in Temperature Circuit and LCD Driver 4-Bit Microcontroller
MSM6442 OKI-MSM6442 Datasheet
147Kb / 12P
   Built-in LCD Driver 4-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com