Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM6051 Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSM6051
Description  Built-in Melody Circuit and LCD Driver 4-Bit Microcontroller
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6051 Datasheet(HTML) 4 Page - OKI electronic componets

  MSM6051 Datasheet HTML 1Page - OKI electronic componets MSM6051 Datasheet HTML 2Page - OKI electronic componets MSM6051 Datasheet HTML 3Page - OKI electronic componets MSM6051 Datasheet HTML 4Page - OKI electronic componets MSM6051 Datasheet HTML 5Page - OKI electronic componets MSM6051 Datasheet HTML 6Page - OKI electronic componets MSM6051 Datasheet HTML 7Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4/7
MSM6051
¡ Semiconductor
PIN DESCRIPTIONS
Symbol
Description
VDD
Circuit ground potential.
VSS1
Power source (–1.5 V).
VSS2
Power source for LCD driver (–3.0 V).
This pin is connected to the VDD pin through a 0.1 mF capacitor.
VSS3
Power source for LCD driver (–4.5 V).
This pin is connected to the VDD pin through a 0.1 mF capacitor.
VEE
Power source for internal logic (–1.5 to –3.0 V).
This pin is connected to the VDD pin through a 0.1 mF capacitor.
VCP, VCM
Booster capacitor connection pins.
VCP pin is connected to VCM pin through a 0.1 mF capacitor.
XT, XT
Input and output pins of oscillator inverter. 32.768 kHz crystal is connected to these pins.
T1 to T5
Pins to test internal logic. T1, T2, T4, and T5 are pulled down to VSS1.
T3 is an output. The test pins are normally open.
RESET
Pin to clear internal logic pulled down to VSS1.
After power is turned on, the MSM6051 can be reset by this pin.
BD
Buzzer output.
LD
Lamp output.
LO
Load data pin of M1 to M4.
AC2
Reset pin for external circuit.
XTOUT
Clock output for external circuit.


Similar Part No. - MSM6051

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6052 OKI-MSM6052 Datasheet
851Kb / 21P
   TONE/PULSE SWITCHABLE REPERTORY DIALER
MSM6052-11RS OKI-MSM6052-11RS Datasheet
851Kb / 21P
   TONE/PULSE SWITCHABLE REPERTORY DIALER
MSM6052-70GS OKI-MSM6052-70GS Datasheet
851Kb / 21P
   TONE/PULSE SWITCHABLE REPERTORY DIALER
MSM6052-71RS OKI-MSM6052-71RS Datasheet
851Kb / 21P
   TONE/PULSE SWITCHABLE REPERTORY DIALER
MSM6052-XX OKI-MSM6052-XX Datasheet
851Kb / 21P
   TONE/PULSE SWITCHABLE REPERTORY DIALER
More results

Similar Description - MSM6051

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM64152A OKI-MSM64152A Datasheet
142Kb / 25P
   4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64153A OKI-MSM64153A Datasheet
146Kb / 25P
   4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64155A OKI-MSM64155A Datasheet
150Kb / 26P
   4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64P155 OKI-MSM64P155 Datasheet
181Kb / 29P
   4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
MSM64158A OKI-MSM64158A Datasheet
142Kb / 25P
   4-Bit Microcontroller with Built-in LCD Driver and Melody Circuit
ML63293 OKI-ML63293 Datasheet
54Kb / 5P
   4-Bit Microcontroller with Built-in LCD Driver ( 68SEG. 32COM. ) and Melody Circuit
ML63295A OKI-ML63295A Datasheet
223Kb / 38P
   4-Bit Microcontroller with Built-in 3072-Dot Matrix LCD Driver and Melody Circuit
ML63193 OKI-ML63193 Datasheet
193Kb / 37P
   4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Driver and Melody Circuit.
MSM5052 OKI-MSM5052 Datasheet
161Kb / 12P
   Built-in Temperature Circuit and LCD Driver 4-Bit Microcontroller
MSM6442 OKI-MSM6442 Datasheet
147Kb / 12P
   Built-in LCD Driver 4-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com