Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2425410000 Datasheet(PDF) 3 Page - Weidmuller

Part # 2425410000
Description  ENERGY METER 330
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

2425410000 Datasheet(HTML) 3 Page - Weidmuller

  2425410000 Datasheet HTML 1Page - Weidmuller 2425410000 Datasheet HTML 2Page - Weidmuller 2425410000 Datasheet HTML 3Page - Weidmuller 2425410000 Datasheet HTML 4Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Data sheet
 
ENERGY METER 330
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Technical data
 
 
Creation date November 4, 2021 1:38:57 AM CET
 
Catalogue status 22.10.2021 / We reserve the right to make technical changes.
3
Voltage quality measurement
 
Distortion factor THD-U in %
No
  Distortion factor THD-I in %
No
Unbalanced
No
  Positive, negative and zero system
No
Current flicker intensity
No
  Brief interruptions
No
Sequence-of-events recorder function No
   
 
Insulation coordination
 
EMC standards
DIN EN 61000-4-4, DIN
EN 61000-4-2, DIN EN
61000-4-3, EN 55011,
EN/IEC 61010-1
  Surge voltage category
300 V CAT III
 
Classifications
 
ETIM 6.0
EC002301
  ETIM 7.0
EC002301
ETIM 8.0
EC002301
  ECLASS 9.0
27-14-23-30
ECLASS 9.1
27-21-03-01
  ECLASS 10.0
27-14-23-30
ECLASS 11.0
27-14-23-30
   
 
Approvals
 
Approvals
ROHS
Conform
 
Downloads
 
Engineering Data
STEP
User Documentation
Manual Quick Guide German/English
Manual Energy Meter 330 German/English
Catalogues
Catalogues in PDF-format
 


Similar Part No. - 2425410000

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
24254 VICOR-24254 Datasheet
60Kb / 1P
   CAP, SOLID TANTALUM, 68 uF -20%, 30V
24254-2 VICOR-24254-2 Datasheet
60Kb / 1P
   CAP, SOLID TANTALUM, 68 uF -20%, 30V
logo
Weidmuller
2425420000 WEIDMULLER-2425420000 Datasheet
534Kb / 4P
   ENERGY METER 350
2425490000 WEIDMULLER-2425490000 Datasheet
733Kb / 5P
   ENERGY METER D650
More results

Similar Description - 2425410000

ManufacturerPart #DatasheetDescription
logo
SELEC Controls Pvt. Ltd
EM368 SELEC-EM368 Datasheet
554Kb / 2P
   Energy Meter
EM306 SELEC-EM306 Datasheet
67Kb / 1P
   Energy Meter
EM306A SELEC-EM306A Datasheet
406Kb / 1P
   Energy Meter
logo
List of Unclassifed Man...
EM10DIN ETC2-EM10DIN Datasheet
134Kb / 4P
   Energy Management Energy Meter
logo
Maxim Integrated Produc...
71M6541D_1111 MAXIM-71M6541D_1111 Datasheet
2Mb / 166P
   Energy Meter ICs
Rev 2; 11/11
logo
Teridian Semiconductor ...
71M6521DE TERIDIAN-71M6521DE Datasheet
1Mb / 101P
   Energy Meter IC
71M6531D TERIDIAN-71M6531D Datasheet
2Mb / 115P
   Energy Meter IC
logo
Weidmuller
2425490000 WEIDMULLER-2425490000 Datasheet
733Kb / 5P
   ENERGY METER D650
logo
Maxim Integrated Produc...
71M6543F MAXIM-71M6543F_V01 Datasheet
2Mb / 154P
   Energy Meter ICs
2013
logo
Teridian Semiconductor ...
71M6533 TERIDIAN-71M6533 Datasheet
1Mb / 124P
   Energy Meter IC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com