Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IZ8016 Datasheet(PDF) 1 Page - Integral Corp.

Part # IZ8016
Description  3.5 DIGIT THERMOMETER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IZ8016 Datasheet(HTML) 1 Page - Integral Corp.

  IZ8016 Datasheet HTML 1Page - Integral Corp. IZ8016 Datasheet HTML 2Page - Integral Corp. IZ8016 Datasheet HTML 3Page - Integral Corp. IZ8016 Datasheet HTML 4Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
IZ8016
1
3.5 DIGIT THERMOMETER
DESCRIPTION
The IZ8016 is a CMOS circuit provided with digital thermometer function. Temperature reading
from –50oC to +50oC is detected
by use of a thermistor as a sensor and temperature is displayed on a LCD by 0.2oC step. High
accuracy is obtained in wide range of
–50oC ~ +50oC by providing non-linear correction circuit on the chip.
FEATURES
• Measurement accuracy: ± 1oC
• Resolution : 0.2oC (oF)
• 31/2 + 7 Indicators, 31/2 duty LCD
• Low power consumption
• Few external components
• Easiness in adjustment
• Single 1.5V battery operation
• Package Type: Bare chip
FUNCTIONS
• Measurable temperature range –49oC ~
+49.8oC
-57oF ~ +121.8oF
• Suitable Thermistor RT=10KΩ ± 1% (at
25oC)
• Sampling Cycle 1 seconds, 3 seconds, 5
seconds,
10 seconds (Default 10 sec)
• Oscillation Frequency 32.768 kHz
• Temperature adjustment: Adjustment of
temperature is
made by adjusting fundamental resistance
against
dispersion in resistance values of
thermistors
ABSOLUTE MAXIMUM RATINGS
Characteristic
Symbol
Value
Unit
Supply Voltage (VCC)
VCC
- 0.1 ~ + 3.0
V
Operating Temperature Range
Topr
- 50 ~ + 50
oC
Storage Temperature Range
Tstg
- 50 ~ + 125
oC
ELECTRICAL CHARACTERISTICS
(Ta = 25oC, VSS = 0V, VCC = 1.5V unless otherwise specified)
Characteristic
Symbo
l
Test Condition
Min
Typ
Max
Unit
Operating Voltage
VCC
1.20
1.50
2.00
V
LCD Voltage
VDD
3.00
V
Supply Current
ICC
Operating
50
80
µA
ISTD
Standby
5
10
µA


Similar Part No. - IZ8016

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IZ8018 ETC-IZ8018 Datasheet
136Kb / 5P
   MULTI MELODY GENERATOR
More results

Similar Description - IZ8016

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
445715 EXTECH-445715 Datasheet
203Kb / 1P
   Big Digit Hygro-Thermometer
401016 EXTECH-401016 Datasheet
49Kb / 1P
   Big Digit Window Thermometer
445703 EXTECH-445703 Datasheet
194Kb / 2P
   Big Digit Hygro-Thermometer
445703-V1 EXTECH-445703-V1 Datasheet
154Kb / 1P
   Big Digit Hygro-Thermometer
401014 EXTECH-401014 Datasheet
110Kb / 1P
   Big Digit Indoor/Outdoor Thermometer
445713 EXTECH-445713 Datasheet
175Kb / 1P
   Big Digit Indoor/Outdoor Hygro-Thermometer
logo
List of Unclassifed Man...
35BD050 ETC1-35BD050 Datasheet
75Kb / 1P
   3.5 DIGIT LCD GLASS PANEL
logo
DATEL, Inc.
PM-35LC-ADV-04 DATEL-PM-35LC-ADV-04 Datasheet
154Kb / 1P
   3.5 Digit LCD Backlit Black
PM-35LC-ADV-02 DATEL-PM-35LC-ADV-02 Datasheet
155Kb / 1P
   3.5 Digit LCD Backlit Green
PM-35LC-ADV-03 DATEL-PM-35LC-ADV-03 Datasheet
154Kb / 1P
   3.5 Digit LCD Backlit Black
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com