Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IWR0520UM Datasheet(PDF) 1 Page - Integral Corp.

Part # IWR0520UM
Description  HIGH VOLTAGE FAST RECTIFIER DIODES & DIODES ARRAYS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IWR0520UM Datasheet(HTML) 1 Page - Integral Corp.

  IWR0520UM Datasheet HTML 1Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Korzhenevsky 12, Minsk, 220108, Republic of Belarus
Fax:
+375 (17) 278 28 22,
Phone: +375 (17) 278 07 11, 212 24 70, 212 24 61,
212 69 16
E-mail: office@bms.by
URL: www.bms.by
1
IWR 0520F; IWR0520FM; IWR0520U; IWR 0260U;
IWR0520UM
HIGH VOLTAGE FAST RECTIFIER DIODES & DIODES
ARRAYS
1 2 3
TO-220
MAXIMUM RATINGS
Rating
Symbol
IWR 0520F
IWR 0520FM
IWR 0520U
IWR 0260 U
IWR 0520UM
Unit.
Peak Repetitive Reverse
Voltage
URR
200
200
600
200
V
Peak Rectified Forward
Current
tJ=175°C
IF
5
5
2
5
A
Nonrepetitive Peak Surge
Current
, t
≤ 8 ms
IFS
35
35
14
35
A
Operating Junction
Temperature
TJ
+175
°C
Storage Temperature
TSTG
-65 … +175
°C
ELECTRICAL CHARACTERISTICS for ТAMB=25°C
Rating
(Mode of measure
Symbol
IWR 0520F
IWR 0520FM
IWR 0520U
IWR 0260 U
IWR 0520UM
Unit.
Maximum Instantaneous
Forward Voltage *
(IFMAX)
UR.
1,1
1,2
1,7
1,2
V
Maximum Instantaneous
Reverse Current *
(URRMAX)
IF.
50
µA
Maximum Reverse
Recovery Time
(IF=1 А, di/dt=50 A/µs,
URR=30 V, IREC=10% IR)
tREC
250
25
60
25
Ns
Maximum Thermal
Resistance, Junction to
Case
RθJC
4,5
°C/W
* tp
≤ 300 µs, Q ≥ 50
IWR 0520F; IWR0520U; IWR 0260U – diodes (pinning: pin 2 – cathode , pin 3 - anode)
IWR0520FM; IWR0520UM – diode array with common cathode (pinning: pin 1- anode 1, pin 2- common
cathode, pin 3 - anode 2)


Similar Part No. - IWR0520UM

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IWR0540UM INTEGRAL-IWR0540UM Datasheet
115Kb / 1P
   HIGH VOLTAGE FAST RECTIFIER DIODE ARRAYS
IWR0560UM INTEGRAL-IWR0560UM Datasheet
115Kb / 1P
   HIGH VOLTAGE FAST RECTIFIER DIODE ARRAYS
More results

Similar Description - IWR0520UM

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
RGP02-12 SUNMATE-RGP02-12 Datasheet
286Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIER DIODES
logo
Diotec Semiconductor
DD300 DIOTEC-DD300_15 Datasheet
133Kb / 2P
   Fast Recovery High Voltage Rectifier Diodes
HV3 DIOTEC-HV3_16 Datasheet
138Kb / 2P
   Fast Recovery High Voltage Rectifier Diodes
FBY8 DIOTEC-FBY8 Datasheet
161Kb / 2P
   Fast Recovery High Voltage Rectifier Diodes
HV3 DIOTEC-HV3_08 Datasheet
97Kb / 2P
   Fast Switching High Voltage Silicon Rectifier Diodes
HV3 DIOTEC-HV3_14 Datasheet
98Kb / 2P
   Fast Switching High Voltage Silicon Rectifier Diodes
logo
Integral Corp.
IWR0340UM INTEGRAL-IWR0340UM Datasheet
115Kb / 1P
   HIGH VOLTAGE FAST RECTIFIER DIODE ARRAYS
logo
EIC discrete Semiconduc...
HVR312 EIC-HVR312 Datasheet
15Kb / 2P
   HIGH VOLTAGE RECTIFIER DIODES
logo
SUNMATE electronic Co.,...
ESJA54-06A SUNMATE-ESJA54-06A Datasheet
217Kb / 1P
   HIGH VOLTAGE RECTIFIER DIODES
SHV-16 SUNMATE-SHV-16 Datasheet
339Kb / 1P
   HIGH VOLTAGE RECTIFIER DIODES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com