Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IWR0560UM Datasheet(PDF) 1 Page - Integral Corp.

Part # IWR0560UM
Description  HIGH VOLTAGE FAST RECTIFIER DIODE ARRAYS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IWR0560UM Datasheet(HTML) 1 Page - Integral Corp.

  IWR0560UM Datasheet HTML 1Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Korzhenevsky 12, Minsk, 220108, Republic of Belarus
Fax:
+375 (17) 278 28 22,
Phone: +375 (17) 278 07 11, 212 24 70, 212 24 61,
212 69 16
E-mail: office@bms.by
URL: www.bms.by
2
IWR 0340UM, IWR 0360UM, IWR 0540UM, IWR 0560UM
HIGH VOLTAGE FAST RECTIFIER DIODE ARRAYS
1 2 3
TO-220
MAXIMUM RATINGS
Rating
Symbol
IWR 0340UM
IWR 0360UM
IWR 0540UM
IWR 0560UM
Unit.
Peak Repetitive Reverse
Voltage
URR
400
600
400
600
V
Peak Rectified Forward
Current
tJ=175°C
IF
3
3
5
5
A
Nonrepetitive Peak Surge
Current
, t
≤ 8 ms
IFS
21
21
35
35
A
Operating Junction
Temperature
TJ
+175
°C
Storage Temperature
TSTG
-65 -+175
°C
ELECTRICAL CHARACTERISTICS for ТAMB=25°C
Rating
(Mode of measurement)
Symbol
IWR 0340UM
IWR 0360UM
IWR 0540UM
IWR 0560UM
Unit.
Maximum Instantaneous
Forward Voltage*
(IFMAX)
UR.
1.4
V
Maximum Instantaneous
Reverse Current*
(URRMAX)
IF.
50
µA
Maximum Reverse
Recovery Time
(IF=1 А, di/dt=50 A/µs,
URR=30 V, IREC=10% IR)
tREC
60
ns
Maximum Thermal
Resistance, Junction to
Case
RθJC
4,5
°C/W
* tp
≤ 300 µs, Q ≥ 50
pinning: pin 1- anode 1, pin 2- common cathode, pin 3 - anode 2


Similar Part No. - IWR0560UM

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IWR0520F INTEGRAL-IWR0520F Datasheet
116Kb / 1P
   HIGH VOLTAGE FAST RECTIFIER DIODES & DIODES ARRAYS
IWR0520FM INTEGRAL-IWR0520FM Datasheet
116Kb / 1P
   HIGH VOLTAGE FAST RECTIFIER DIODES & DIODES ARRAYS
IWR0520U INTEGRAL-IWR0520U Datasheet
116Kb / 1P
   HIGH VOLTAGE FAST RECTIFIER DIODES & DIODES ARRAYS
IWR0520UM INTEGRAL-IWR0520UM Datasheet
116Kb / 1P
   HIGH VOLTAGE FAST RECTIFIER DIODES & DIODES ARRAYS
More results

Similar Description - IWR0560UM

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IWR0520F INTEGRAL-IWR0520F Datasheet
116Kb / 1P
   HIGH VOLTAGE FAST RECTIFIER DIODES & DIODES ARRAYS
logo
NXP Semiconductors
BY459F-1500 PHILIPS-BY459F-1500 Datasheet
34Kb / 6P
   Rectifier diode fast, high-voltage
August 1996-Rev 1.200
BY359DX-1500 PHILIPS-BY359DX-1500 Datasheet
21Kb / 4P
   Rectifier diode fast, high-voltage
April 1998 Rev 1.000
BY359DX-1500 PHILIPS-BY359DX-1500 Datasheet
21Kb / 4P
   Rectifier diode fast, high-voltage
April 1998 Rev 1.000
logo
Diotec Semiconductor
DAF811AK DIOTEC-DAF811AK Datasheet
148Kb / 2P
   Fast Switching Rectifier Arrays
logo
EIC discrete Semiconduc...
BY8004 EIC-BY8004 Datasheet
83Kb / 2P
   FAST RECOVERY HIGH VOLTAGE RECTIFIER DIODE
BY8006 EIC-BY8006 Datasheet
69Kb / 2P
   FAST RECOVERY HIGH VOLTAGE RECTIFIER DIODE
logo
GETAI ELECTRONICS DEVIC...
GH3A-05K GETEDZ-GH3A-05K_V01 Datasheet
476Kb / 2P
   High Current Fast-Recovery High Voltage Silicon Rectifier Diode
GH3A-10K GETEDZ-GH3A-10K_V01 Datasheet
476Kb / 2P
   High Current Fast-Recovery High Voltage Silicon Rectifier Diode
logo
Semtech Corporation
PF20 SEMTECH-PF20 Datasheet
108Kb / 3P
   AXIALLEADED HERMETICALLY SEALED HIGH VOLTAGE FAST RECTIFIER DIODE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com