Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IW3563A Datasheet(PDF) 2 Page - Integral Corp.

Part # IW3563A
Description  RECTIFIER-LIMITER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IW3563A Datasheet(HTML) 2 Page - Integral Corp.

  IW3563A Datasheet HTML 1Page - Integral Corp. IW3563A Datasheet HTML 2Page - Integral Corp. IW3563A Datasheet HTML 3Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
IW3527A, IW3527K, IW3549A, IW3549K, IW3563A, IW3563K
Korzhenevskogo 12, Minsk, 220108 Republic of
Belarus
Fax:
+375 (17) 278 28 22,
Phone: +375 (17) 278 07 11, 212 24 70, 212 24 61,
212 69 16
E-mail: office@bms.by
URL: www.bms.by
2
Maximum ratings of diode operation within case temperature range from - 60 to +175
°С
Parameter, unit
Symbol
Value
Maximum rectified current, A
(at f = 50 Hz, Tc = 175
°C)
Irec max
35
Maximum junction temperature,
°С
Tj max
200
Non-recurrent impulse forward current of rectified diode, A
Iforw non-rec
400
Constant diode reverse voltage, V:
- for IW3527A, IW3527K
- for IW3549A, IW3549K
- for IW3563A, IW3563K
Urev
15
30
42
Typical values of diodes electrical parameters
Value
Ambient
Parameter, unit
Symbol
Test conditions
min
typical
max
Tempera
ture,
оС
Break-down voltage, V
Ubr
Irev = 5 mA
25
for IW3527A, IW3527K
18
21
24
for IW3549A, IW3549K
36
41
46
for IW3563A, IW3563K
50
55
60
Limiting impulse voltage, V
for IW3527A. IW3527K
Ulim imp*
Irev = 45 A
-
27
30
25
-
29.7
33
175**
-
27
30
-60**
for IW3549A, IW3549K
-
49
52
25
-
53.9
57.2
175**
-
49
52
-60**
for IW3563A, IW3563K
-
63
66
25
-
69.3
72.6
175**
-
63
66
-60**
Impulse forward voltage, V
Uforw
imp***
Iforw = 100 А
-
1.0
1.1
25
Reverse current, mkA
Irev
Urev = 15 V
-
0.5
50
25
for IW3527A, IW3527K
-
100
500
175**
-
0.3
50
-60**
for IW3549A, IW3549K
Urev = 30 V
-
0.5
50
25
-
100
500
175**
-
0.3
50
-60**
for IW3563A, IW3563K
Urev = 42 V
-
0.5
50
25
100
500
175**
0.3
50
-60**
Temperature coefficient of
forward voltage, mV/
°C
αUforw
-
2.0
-
-
Temperature coefficient of
reverse voltage,%/
°C
αUforw
-
0.09
-
-
_______
* tи ≤ 1 ms, Q ≥ 1000.
** Case temperature
*** tи ≤ 10 ms, Q ≥ 100


Similar Part No. - IW3563A

ManufacturerPart #DatasheetDescription
logo
RFE international
IW3225100K RFE-IW3225100K Datasheet
63Kb / 1P
   SURFACE MOUNT INDUCTORS IW3225 Series: 1210 Wirewound
IW3225101K RFE-IW3225101K Datasheet
63Kb / 1P
   SURFACE MOUNT INDUCTORS IW3225 Series: 1210 Wirewound
IW3225120K RFE-IW3225120K Datasheet
63Kb / 1P
   SURFACE MOUNT INDUCTORS IW3225 Series: 1210 Wirewound
IW3225121K RFE-IW3225121K Datasheet
63Kb / 1P
   SURFACE MOUNT INDUCTORS IW3225 Series: 1210 Wirewound
IW3225150K RFE-IW3225150K Datasheet
63Kb / 1P
   SURFACE MOUNT INDUCTORS IW3225 Series: 1210 Wirewound
More results

Similar Description - IW3563A

ManufacturerPart #DatasheetDescription
logo
American Microsemicondu...
MLD5117 AMMSEMI-MLD5117 Datasheet
692Kb / 1P
   LIMITER DIODES
MLD5119 AMMSEMI-MLD5119 Datasheet
692Kb / 1P
   LIMITER DIODES
MLD5123 AMMSEMI-MLD5123 Datasheet
707Kb / 1P
   LIMITER DIODES
MLD5114 AMMSEMI-MLD5114 Datasheet
692Kb / 1P
   LIMITER DIODES
MLD5115 AMMSEMI-MLD5115 Datasheet
692Kb / 1P
   LIMITER DIODES
MLD5118 AMMSEMI-MLD5118 Datasheet
692Kb / 1P
   LIMITER DIODES
MLD5116 AMMSEMI-MLD5116 Datasheet
692Kb / 1P
   LIMITER DIODES
logo
List of Unclassifed Man...
MLP7100 ETC1-MLP7100 Datasheet
206Kb / 2P
   Limiter Diodes
logo
American Microsemicondu...
MLD5120 AMMSEMI-MLD5120 Datasheet
692Kb / 1P
   LIMITER DIODES
MLD5121 AMMSEMI-MLD5121 Datasheet
692Kb / 1P
   LIMITER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com