Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM54V12222B-25TS-K Datasheet(PDF) 15 Page - OKI electronic componets

Part # MSM54V12222B-25TS-K
Description  262,214-Word12-Bit Field Memory
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM54V12222B-25TS-K Datasheet(HTML) 15 Page - OKI electronic componets

Back Button MSM54V12222B-25TS-K Datasheet HTML 9Page - OKI electronic componets MSM54V12222B-25TS-K Datasheet HTML 10Page - OKI electronic componets MSM54V12222B-25TS-K Datasheet HTML 11Page - OKI electronic componets MSM54V12222B-25TS-K Datasheet HTML 12Page - OKI electronic componets MSM54V12222B-25TS-K Datasheet HTML 13Page - OKI electronic componets MSM54V12222B-25TS-K Datasheet HTML 14Page - OKI electronic componets MSM54V12222B-25TS-K Datasheet HTML 15Page - OKI electronic componets MSM54V12222B-25TS-K Datasheet HTML 16Page - OKI electronic componets MSM54V12222B-25TS-K Datasheet HTML 17Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
FEDS54V12222B-01
OKI Semiconductor
MSM54V12222B
15/17
Notes for Mounting the Surface Mount Type Packages
The surface mount type packages are very susceptible to heat in reflow mounting and humidity
absorbed in storage.
Therefore, before you perform reflow mounting, contact Oki’s responsible sales person for the product
name, package name, pin number, package code and desired mounting conditions (reflow method,
temperature and times).
SOJ40-P-400-1.27
Mirror finish
Package material
Epoxy resin
Lead frame material
42 alloy
Pin treatment
Solder plating (
≥5µm)
Package weight (g)
1.70 TYP.
5
Rev. No./Last Revised
5/Dec. 5, 1996
(Unit: mm)


Similar Part No. - MSM54V12222B-25TS-K

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM54V12222A OKI-MSM54V12222A Datasheet
246Kb / 14P
   262,214 Words x 12 Bits FIELD MEMORY
More results

Similar Description - MSM54V12222B-25TS-K

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5412222B OKI-MSM5412222B Datasheet
134Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
MSM5412222 OKI-MSM5412222 Datasheet
170Kb / 15P
   262,214-Word x 12-Bit Field Memory
MSM5412222A OKI-MSM5412222A Datasheet
68Kb / 13P
   262,214-Word x 12-Bit Field Memory
MSM518222 OKI-MSM518222 Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
MSM518221 OKI-MSM518221 Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
MSM51V8221A OKI-MSM51V8221A Datasheet
200Kb / 17P
   262,214-Word x 8-Bit Field Memory
MSM518222A OKI-MSM518222A Datasheet
192Kb / 17P
   262,214-Word X 8-Bit Field Memory
MSM518221A OKI-MSM518221A Datasheet
200Kb / 17P
   262,214-Word x 8-Bit Field Memory
MSM51V8222A OKI-MSM51V8222A Datasheet
200Kb / 17P
   262,214-Word x 8-Bit Field Memory
MSM51V4222C OKI-MSM51V4222C Datasheet
237Kb / 16P
   262,263-Word 횞 4-Bit Field Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com