Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM54V12222B Datasheet(PDF) 5 Page - OKI electronic componets

Part No. MSM54V12222B
Description  262,214-Word × 12-Bit Field Memory
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo OKI - OKI electronic componets

MSM54V12222B Datasheet(HTML) 5 Page - OKI electronic componets

  MSM54V12222B Datasheet HTML 1Page - OKI electronic componets MSM54V12222B Datasheet HTML 2Page - OKI electronic componets MSM54V12222B Datasheet HTML 3Page - OKI electronic componets MSM54V12222B Datasheet HTML 4Page - OKI electronic componets MSM54V12222B Datasheet HTML 5Page - OKI electronic componets MSM54V12222B Datasheet HTML 6Page - OKI electronic componets MSM54V12222B Datasheet HTML 7Page - OKI electronic componets MSM54V12222B Datasheet HTML 8Page - OKI electronic componets MSM54V12222B Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
FEDS54V12222B-01
OKI Semiconductor
MSM54V12222B
5/17
OPERATION
Write Operation
The write operation is controlled by three clocks, SWCK, RSTW, and WE. Write operation is accomplished by
cycling SWCK, and holding WE high after the write address pointer reset operation or RSTW.
Each write operation, which begins after RSTW, must contain at least 150 active write cycles, i.e. SWCK cycles
while WE is high. To transfer the last data to the DRAM array, which at that time is stored in the serial data
registers attached to the DRAM array, an RSTW operation is required after the last SWCK cycle.
Note that every write timing of MSM54V12222B is delayed by one clock compared with read timings for easy
cascading without any interface delay devices.
Write Reset: RSTW
The first positive transition of SWCK after RSTW becomes high resets the write address counters to zero. RSTW
setup and hold times are referenced to the rising edge of SWCK. Because the write reset function is solely
controlled by the SWCK rising edge after the high level of RSTW, the states of WE and IE are ignored in the write
reset cycle.
Before RSTW may be brought high again for a further reset operation, it must be low for at least two SWCK
cycles.
Data Inputs: DIN0 to 11
Write Clock: SWCK
The SWCK latches the input data on chip when WE is high, and also increments the internal write address pointer.
Data-in setup time tDS, and hold time tDH are referenced to the rising edge of SWCK.
Write Enable: WE
WE is used for data write enable/disable control. WE high level enables the input, and WE low level disables the
input and holds the internal write address pointer. There are no WE disable time (low) and WE enable time (high)
restrictions, because the MSM54V12222B is in fully static operation as long as the power is on. Note that WE
setup and hold times are referenced to the rising edge of SWCK.
Input Enable: IE
IE is used to enable/disable writing into memory. IE high level enables writing. The internal write address pointer
is always incremented by cycling SWCK regardless of the IE level. Note that IE setup and hold times are
referenced to the rising edge of SWCK.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSM5412222B262 214-Word × 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM5412222262 214-Word x 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM5412222A262 214-Word x 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518221262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518222262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM51V8221A262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM51V8222A262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518221A262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518222A262 214-Word X 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM548332278 400-Word x 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn