Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MSM53V1655F Datasheet(PDF) 4 Page - OKI electronic componets

Part No. MSM53V1655F
Description  524,288-Double Words x 32-bit or 1,048,576-Words x 16-bit MaskROM 4Double Words x 32-Bit or 8Words x 16-Bit/Page Mode MASKROM
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MSM53V1655F Datasheet(HTML) 4 Page - OKI electronic componets

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MSM53V1655F
4
RECOMMENDED OPERATING CONDITIONS
ABSOLUTE MAXIMUM LIMITS
DC CHARACTERISTICS
Operating Temperature
Storage Temperature
Power Supply Voltage
Input Voltage
Output Voltage
Power Dissipation
Parameter
Symbol
Unit
Limits
Conditions
V
V
V
W
–0.3 to 7
–0.3 to V
CC + 0.5
–0.3 to V
CC + 0.5
0 to 70
–55 to 150
1.0
°C
°C
Per Package T
opr = 25°C
to V
SS
T
opr
T
stg
V
CC
V
I
V
O
P
D
Power Supply Voltage
"H" Input Voltage
"L" Input Voltage
Parameter
Symbol
Unit
3.6
Typ.
3.0
Conditions
Min.
Max.
3.3
V
0.0
0.0
0.0
V
2.2
3.3
V
0.8
0.0
V
Operating Temperature
70
0
Limits
–0.3
°C
V
CC
V
SS
V
IH
V
IL
T
opr
"H" Output Voltage
"L" Output Voltage
Parameter
Symbol
Unit
Typ.
2.4
Conditions
Min.
Max.
Power Supply Current
(Operating)
V
0.4
V
10
µA
100
mA
50
µA
500
µA
Input Leakage Current
Output Leakage Current
Power Supply Current
(Standby)
10
µA
Limits
(V
CC = 3.3V±0.3V, Ta = 0 to 70°C)
I
OH = –400uA
I
OH = 1.0mA
–10
–10
——
——
CE = V
CC–0.2V
CE = V
IH MIN
V
I = 0 to VCC
V
O = 0 to VCC
CE = V
IH MIN
CE = V
IL, OE = VIH, tC = 100ns
V
OH
I
LI
I
LO
I
CC
I
CCS
I
CCS1
V
OL
V
CC + 0.5


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSM531655E524 288-Double Words x 32-bit or 1 048 576-Words x 16-bit MaskROM 8Double Word x 32-Bit or 16Word x 16-Bit/Page Mode MASKROM 1 2 3 4 5 MoreOKI electronic componets
MSM27C1655CZ524 288-Double Word x 32-Bit or 1 048 576-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27V1655CZ524 288-Double Word x 32-Bit or 1 048 576-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM538052E524 288-Words x 16-bit or 1 048 576-Bytes x 8-bit MaskROM 8Words x 16-Bit or 16Bytes x 8-Bit/Page Mode MASKROM 1 2 3 4 5 MoreOKI electronic componets
MSM531652F1 048 576-Words x 16-bit or 2 097 152-Bytes x 8-bit MaskROM 16Words x 16-Bit or 32Bytes x 8-Bit/Page Mode MASKROM 1 2 3 4 5 MoreOKI electronic componets
MSM534052E262 144-Words x 16-bit or 524 288-Bytes x 8-bit MaskROM 8Words x 16-Bit or 16Bytes x 8-Bit/Page Mode MASKROM 1 2 3 4 5 MoreOKI electronic componets
MR27V3255D1 048 576-Double Word x 32-Bit or 2 097 152-Word x 16-Bit 8-Double Word x 32-Bit or 16-Word x 16-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27C3255CZ1 048 576-Double Word x 32-Bit or 2 097 152-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V852D524 288-Word x 16-Bit or 1 048 576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27C852CZ524 288-Word x 16-Bit or 1 048 576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn