Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MSM53V1655F Datasheet(PDF) 2 Page - OKI electronic componets

Part No. MSM53V1655F
Description  524,288-Double Words x 32-bit or 1,048,576-Words x 16-bit MaskROM 4Double Words x 32-Bit or 8Words x 16-Bit/Page Mode MASKROM
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MSM53V1655F Datasheet(HTML) 2 Page - OKI electronic componets

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
70
MSM53V1655F
2
1
A0
2
A1
69
3
A2
68
4
A3
67
5
A4
66
6
A5
65
7
Vcc
64
8
D0
63
9
D16
62
10
D1
61
11
D17
60
12
Vss
59
13
Vcc
58
14
D2
57
15
D18
56
16
D3
55
17
D19
54
18
D4
53
19
D20
52
20
D5
51
21
D21
50
22
Vss
49
23
Vcc
48
24
D6
47
25
D22
46
26
D7
45
27
D23
44
28
Vss
43
29
A6
42
30
A7
41
31
A8
40
32
A9
39
33
A10
38
34
A11
37
35
A12
36
NC
NC
NC
WORD
OE
CE
Vss
D31/A-1
D15
D30
D14
Vss
Vcc
D29
D13
D28
D12
D27
D11
D26
D10
Vss
Vcc
D25
D9
D24
D8
Vcc
NC
A18
A17
A16
A15
A14
A13
Pin Name
Function
D31/A-1
Data output / address input
A0 to A18
Address input
D0 to D30
Data output
CE
OE
Output enable
WORD
Mode switch (H:DW/L:W)
V
CC, VSS
Power supply
Chip enable
PIN CONFIGURATION


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSM531655E524 288-Double Words x 32-bit or 1 048 576-Words x 16-bit MaskROM 8Double Word x 32-Bit or 16Word x 16-Bit/Page Mode MASKROM 1 2 3 4 5 MoreOKI electronic componets
MSM27C1655CZ524 288-Double Word x 32-Bit or 1 048 576-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27V1655CZ524 288-Double Word x 32-Bit or 1 048 576-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM538052E524 288-Words x 16-bit or 1 048 576-Bytes x 8-bit MaskROM 8Words x 16-Bit or 16Bytes x 8-Bit/Page Mode MASKROM 1 2 3 4 5 MoreOKI electronic componets
MSM531652F1 048 576-Words x 16-bit or 2 097 152-Bytes x 8-bit MaskROM 16Words x 16-Bit or 32Bytes x 8-Bit/Page Mode MASKROM 1 2 3 4 5 MoreOKI electronic componets
MSM534052E262 144-Words x 16-bit or 524 288-Bytes x 8-bit MaskROM 8Words x 16-Bit or 16Bytes x 8-Bit/Page Mode MASKROM 1 2 3 4 5 MoreOKI electronic componets
MR27V3255D1 048 576-Double Word x 32-Bit or 2 097 152-Word x 16-Bit 8-Double Word x 32-Bit or 16-Word x 16-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27C3255CZ1 048 576-Double Word x 32-Bit or 2 097 152-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MR27V852D524 288-Word x 16-Bit or 1 048 576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets
MSM27C852CZ524 288-Word x 16-Bit or 1 048 576-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM 1 2 3 4 5 MoreOKI electronic componets

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn