Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM51X17400F Datasheet(PDF) 1 Page - OKI electronic componets

Part No. MSM51X17400F
Description  4,194,304-Word × 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo OKI - OKI electronic componets

MSM51X17400F Datasheet(HTML) 1 Page - OKI electronic componets

  MSM51X17400F Datasheet HTML 1Page - OKI electronic componets MSM51X17400F Datasheet HTML 2Page - OKI electronic componets MSM51X17400F Datasheet HTML 3Page - OKI electronic componets MSM51X17400F Datasheet HTML 4Page - OKI electronic componets MSM51X17400F Datasheet HTML 5Page - OKI electronic componets MSM51X17400F Datasheet HTML 6Page - OKI electronic componets MSM51X17400F Datasheet HTML 7Page - OKI electronic componets MSM51X17400F Datasheet HTML 8Page - OKI electronic componets MSM51X17400F Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
OKI Semiconductor
FEDD51X17400F-03
Issue Date: Aug. 16, 2002
MSM51X17400F
4,194,304-Word
× 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
1/13
DESCRIPTION
The MSM51X17400F is a 4,194,304-word
× 4-bit dynamic RAM fabricated in Oki’s silicon-gate
CMOS technology. The MSM51X17400F achieves high integration, high-speed operation, and
low-power
consumption
because
Oki
manufactures
the
device
in
a
quadruple-layer
polysilicon/double-layer metal CMOS process. The MSM51X17400F is available in a 26/24-pin plastic
TSOP.
FEATURES
·
4,194,304-word
× 4-bit configuration
· Single
2.0V power supply, ±0.15V tolerance
·
Input
: CMOS Interface, low input capacitance
·
Output : CMOS Interface, 3-state
·
Refresh : 2048 cycles/32ms
·
Fast page mode, read modify write capability
· CAS before RAS refresh capability
· Packages
26/24-pin 300mil plastic TSOP (TSOPII26/24-P-300-1.27-K) (Product : MSM51X17400F-xxTS-K)
xx indicates speed rank.
PRODUCT FAMILY
Access Time (Max.)
Power Dissipation
Family
tRAC
tAA
tCAC
tOEA
Cycle Time
(Min.)
Operating
(Max.)
Standby
(Max.)
MSM51X17400F-10
100ns
50ns
20ns
20ns
200ns
200mW
1.1mW


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn