Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM51X17400F Datasheet(PDF) 6 Page - OKI electronic componets

Part No. MSM51X17400F
Description  4,194,304-Word × 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo OKI - OKI electronic componets

MSM51X17400F Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM51X17400F Datasheet HTML 2Page - OKI electronic componets MSM51X17400F Datasheet HTML 3Page - OKI electronic componets MSM51X17400F Datasheet HTML 4Page - OKI electronic componets MSM51X17400F Datasheet HTML 5Page - OKI electronic componets MSM51X17400F Datasheet HTML 6Page - OKI electronic componets MSM51X17400F Datasheet HTML 7Page - OKI electronic componets MSM51X17400F Datasheet HTML 8Page - OKI electronic componets MSM51X17400F Datasheet HTML 9Page - OKI electronic componets MSM51X17400F Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
FEDD51X17400F-03
1Semiconductor
MSM51X17400F
6/13
AC CHARACTERISTICS (1/2)
(VCC = 2.0V ± 0.15V, Ta = –10 to 70°C) Note 1,2,3
MSM51X17400
F-10
Parameter
Symbol
Min.
Max.
Unit
Note
Random Read or Write Cycle Time
tRC
200
ns
Fast Page Mode Cycle Time
tPC
60
ns
Access Time from
RAS
tRAC
100
ns
4, 5, 6
Access Time from
CAS
tCAC
20
ns
4, 5
Access Time from Column Address
tAA
50
ns
4, 6
Access Time from
CAS Precharge
tCPA
55
ns
4
Access Time from
OE
tOEA
20
ns
4
Output Low Impedance Time from
CAS
tCLZ
0
ns
4
CAS to Data Output Buffer Turn-off Delay Time
tOFF
0
25
ns
7
OE to Data Output Buffer Turn-off Delay Time
tOEZ
0
25
ns
7
Transition Time
tT
3
50
ns
3
Refresh Period
tREF
32
ms
RAS Precharge Time
tRP
60
ns
RAS Pulse Width
tRAS
100
10,000
ns
RAS Pulse Width (Fast Page Mode)
tRASP
100
100,000
ns
RAS Hold Time
tRSH
20
ns
RAS Hold Time referenced to OE
tROH
20
ns
CAS Precharge Time (Fast Page Mode)
tCP
15
ns
CAS Pulse Width
tCAS
20
10,000
ns
CAS Hold Time
tCSH
70
ns
CAS to RAS Precharge Time
tCRP
10
ns
RAS Hold Time from CAS Precharge
tRHCP
40
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn