Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM51X17400F Datasheet(PDF) 4 Page - OKI electronic componets

Part No. MSM51X17400F
Description  4,194,304-Word × 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo OKI - OKI electronic componets

MSM51X17400F Datasheet(HTML) 4 Page - OKI electronic componets

  MSM51X17400F Datasheet HTML 1Page - OKI electronic componets MSM51X17400F Datasheet HTML 2Page - OKI electronic componets MSM51X17400F Datasheet HTML 3Page - OKI electronic componets MSM51X17400F Datasheet HTML 4Page - OKI electronic componets MSM51X17400F Datasheet HTML 5Page - OKI electronic componets MSM51X17400F Datasheet HTML 6Page - OKI electronic componets MSM51X17400F Datasheet HTML 7Page - OKI electronic componets MSM51X17400F Datasheet HTML 8Page - OKI electronic componets MSM51X17400F Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
FEDD51X17400F-03
1Semiconductor
MSM51X17400F
4/13
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Voltage on Any Pin Relative to VSS
VIN, VOUT
–0.5 to VCC+ 0.5
V
Voltage VCC Supply relative to VSS
VCC
–0.5 to 3.0
V
Short Circuit Output Current
IOS
50
mA
Power Dissipation
PD*
1
W
Operating Temperature
Topr
–10 to 70
°C
Storage Temperature
Tstg
–55 to 150
°C
*: Ta = 25
°C
RECOMMENDED OPERATING CONDITIONS
(Ta = –10 to 70°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
VCC
1.85
2.0
2.15
V
Power Supply Voltage
VSS
0
0
0
V
Input High Voltage
VIH
0.8
× V
CC
VCC +0.2
V
Input Low Voltage
VIL
−0.2
0.2
× V
CC
V
PIN CAPACITANCE
(VCC = 2.0V±0.15V, Ta = 25°C, f = 1 MHz)
Parameter
Symbol
Min.
Max.
Unit
Input Capacitance (A0 – A10)
CIN1
5
pF
Input Capacitance
(
RAS, CAS, WE, OE)
CIN2
7
pF
Output Capacitance (DQ1 – DQ4)
CI/O
7
pF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn