Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM51V16405F Datasheet(PDF) 1 Page - OKI electronic componets

Part No. MSM51V16405F
Description  4,194,304-Word × 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MSM51V16405F Datasheet(HTML) 1 Page - OKI electronic componets

 
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
OKI Semiconductor
FEDD51V16405F-02
Issue Date: Aug. 16, 2002
MSM51V16405F
4,194,304-Word
× 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
1/18
DESCRIPTION
The MSM51V16405F is a 4,194,304-word
× 4-bit dynamic RAM fabricated in Oki’s silicon-gate
CMOS technology. The MSM51V16405F achieves high integration, high-speed operation, and
low-power
consumption
because
Oki
manufactures
the
device
in
a
quadruple-layer
polysilicon/double-layer metal CMOS process. The MSM51V16405F is available in a 26/24-pin plastic
TSOP.
FEATURES
·
4,194,304-word
× 4-bit configuration
·
Single 3.3V power supply,
±0.3V tolerance
·
Input
: LVTTL compatible, low input capacitance
·
Output : LVTTL compatible, 3-state
·
Refresh : 4096 cycles/64ms
·
Fast page mode with EDO, read modify write capability
· CAS before RAS refresh, hidden refresh, RAS-only refresh capability
· Packages
26/24-pin 300mil plastic TSOP (TSOPII26/24-P-300-1.27-K) (Product : MSM51V16405F-xxTS-K)
xx indicates speed rank.
PRODUCT FAMILY
Access Time (Max.)
Power Dissipation
Family
tRAC
tAA
tCAC
tOEA
Cycle Time
(Min.)
Operating
(Max.)
Standby
(Max.)
50ns
25ns
13ns
13ns
84ns
360mW
60ns
30ns
15ns
15ns
104ns
324mW
MSM51V16405F
70ns
35ns
20ns
20ns
124ns
288mW
1.8mW


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn