Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM51V16405F Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM51V16405F
Description  4,194,304-Word4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM51V16405F Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM51V16405F Datasheet HTML 2Page - OKI electronic componets MSM51V16405F Datasheet HTML 3Page - OKI electronic componets MSM51V16405F Datasheet HTML 4Page - OKI electronic componets MSM51V16405F Datasheet HTML 5Page - OKI electronic componets MSM51V16405F Datasheet HTML 6Page - OKI electronic componets MSM51V16405F Datasheet HTML 7Page - OKI electronic componets MSM51V16405F Datasheet HTML 8Page - OKI electronic componets MSM51V16405F Datasheet HTML 9Page - OKI electronic componets MSM51V16405F Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
FEDD51V16405F-02
1Semiconductor
MSM51V16405F
6/18
AC CHARACTERISTICS (1/3)
(VCC = 3.3V ± 0.3V, Ta = 0 to 70°C) Note1,2,3,12,13
MSM51V16405
F-50
MSM51V16405
F-60
MSM51V16405
F-70
Parameter
Symbol
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Note
Random Read or Write Cycle Time
tRC
84
104
124
ns
Read Modify Write Cycle Time
tRWC
110
135
160
ns
Fast Page Mode Cycle Time
tHPC
20
25
30
ns
Fast Page Mode Read Modify Write
Cycle Time
tHPRWC
58
68
78
ns
Access Time from
RAS
tRAC
50
60
70
ns
4, 5, 6
Access Time from
CAS
tCAC
13
15
20
ns
4,5
Access Time from Column Address
tAA
25
30
35
ns
4,6
Access Time from
CAS Precharge
tCPA
30
35
40
ns
4
Access Time from
OE
tOEA
13
15
20
ns
4
Output Low Impedance Time from
CAS
tCLZ
0
0
0
ns
4
Data Output Hold After
CAS Low
tDOH
5
5
5
ns
CAS to Data Output Buffer Turn-
off Delay Time
tCEZ
0
13
0
15
0
20
ns
7,8
RAS to Data Output Buffer Turn-
off Delay Time
tREZ
0
13
0
15
0
20
ns
7,8
OE to Data Output Buffer Turn-off
Delay Time
tOEZ
0
13
0
15
0
20
ns
7
WE to Data Output Buffer Turn-
off Delay Time
tWEZ
0
13
0
15
0
20
ns
7
Transition Time
tT
1
50
1
50
1
50
ns
3
Refresh Period
tREF
64
64
64
ms
RAS Precharge Time
tRP
30
40
50
ns
RAS Pulse Width
tRAS
50
10,000
60
10,000
70
10,000
ns
RAS Pulse Width
(Fast Page Mode with EDO)
tRASP
50
100,000
60
100,000
70
100,000
ns
RAS Hold Time
tRSH
7
10
13
ns
RAS Hold Time referenced to OE
tROH
7
10
13
ns
CAS Precharge Time
(Fast Page Mode with EDO)
tCP
7
10
10
ns
CAS Pulse Width
tCAS
7
10,000
10
10,000
13
10,000
ns
CAS Hold Time
tCSH
35
40
45
ns


Similar Part No. - MSM51V16405F

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM51V16405A OKI-MSM51V16405A Datasheet
602Kb / 8P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16405D OKI-MSM51V16405D Datasheet
867Kb / 17P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16405DSL OKI-MSM51V16405DSL Datasheet
867Kb / 17P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results

Similar Description - MSM51V16405F

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM51V17405F OKI-MSM51V17405F Datasheet
221Kb / 17P
   4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5117405F OKI-MSM5117405F Datasheet
220Kb / 17P
   4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V17400F OKI-MSM51V17400F Datasheet
238Kb / 15P
   4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117400D OKI-MSM5117400D Datasheet
160Kb / 14P
   4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51X17400F OKI-MSM51X17400F Datasheet
148Kb / 13P
   4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117400F OKI-MSM5117400F Datasheet
214Kb / 15P
   4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16400F OKI-MSM51V16400F Datasheet
236Kb / 16P
   4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116400F OKI-MSM5116400F Datasheet
239Kb / 15P
   4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116405C OKI-MSM5116405C Datasheet
679Kb / 18P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V16405D OKI-MSM51V16405D Datasheet
867Kb / 17P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com