Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM51V16405F Datasheet(PDF) 5 Page - OKI electronic componets

Part No. MSM51V16405F
Description  4,194,304-Word × 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MSM51V16405F Datasheet(HTML) 5 Page - OKI electronic componets

 
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
FEDD51V16405F-02
1Semiconductor
MSM51V16405F
5/18
DC CHARACTERISTICS
(VCC = 3.3V ± 0.3V, Ta = 0 to 70°C)
MSM51V16405
F-50
MSM51V16405
F-60
MSM51V16405
F-70
Parameter
Symbol
Condition
Min.
Max.
Min.
Max.
Min.
Max.
Unit Note
Output High Voltage
VOH
IOH = −2.0mA
2.4
VCC
2.4
VCC
2.4
VCC
V
Output Low Voltage
VOL
IOL = 2.0mA
0
0.4
0
0.4
0
0.4
V
Input Leakage
Current
ILI
0V
≤ VI ≤ VCC+0.3V;
All other pins not
under test = 0V
− 10
10
− 10
10
− 10
10
µA
Output Leakage
Current
ILO
DQ disable
0V
≤ VO ≤ VCC
− 10
10
− 10
10
− 10
10
µA
Average Power
Supply Current
(Operating)
ICC1
RAS, CAS cycling,
tRC = Min.
75
70
65
mA
1,2
RAS, CAS = V
IH
2
2
2
Power Supply
Current
(Standby)
ICC2
RAS, CAS
≥ VCC − 0.2V
0.5
0.5
0.5
mA
1
Average Power
Supply Current
(
RAS-only Refresh)
ICC3
RAS cycling,
CAS = V
IH,
tRC = Min.
75
70
65
mA
1,2
Power Supply
Current
(Standby)
ICC5
RAS = V
IH,
CAS = V
IL,
DQ = enable
5
5
5
mA
1
Average Power
Supply Current
(
CAS before RAS
Refresh)
ICC6
RAS = cycling,
CAS before RAS
75
70
65
mA
1,2
Average Power
Supply Current
(Fast Page Mode)
ICC7
RAS = V
IL,
CAS cycling,
tHPC = Min.
100
90
80
mA
1,3
Notes: 1. ICC Max. is specified as ICC for output open condition.
2. The address can be changed once or less while RAS = VIL.
3. The address can be changed once or less while CAS = VIH.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn