Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM51V16405F Datasheet(PDF) 2 Page - OKI electronic componets

Part No. MSM51V16405F
Description  4,194,304-Word × 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MSM51V16405F Datasheet(HTML) 2 Page - OKI electronic componets

 
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
FEDD51V16405F-02
1Semiconductor
MSM51V16405F
2/18
PIN CONFIGURATION (TOP VIEW)
Pin Name
Function
A0–A9, A10R, A11R
Address Input
RAS
Row Address Strobe
CAS
Column Address Strobe
DQ1–DQ4
Data Input/Data Output
OE
Output Enable
WE
Write Enable
VCC
Power Supply (3.3V)
VSS
Ground (0V)
NC
No Connection
Note :
The same power supply voltage must be provided to every VCC pin, and the same GND voltage level must
be provided to every VSS pin.
26/24-Pin Plastic TSOP
(K Type)
1
2
3
4
5
6
8
9
10
11
12
13
26
25
24
23
22
21
19
18
17
16
15
14
DQ1
DQ2
VCC
VCC
VSS
VSS
DQ4
DQ3
A9
A8
A7
A6
A0
A1
A2
A3
WE
RAS
A11R
A10R
A5
A4
CAS
OE


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn