Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN7397K Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AN7397K
Description  Spatializer IC for I2C bus
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN7397K Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AN7397K Datasheet HTML 1Page - Panasonic Semiconductor AN7397K Datasheet HTML 2Page - Panasonic Semiconductor AN7397K Datasheet HTML 3Page - Panasonic Semiconductor AN7397K Datasheet HTML 4Page - Panasonic Semiconductor AN7397K Datasheet HTML 5Page - Panasonic Semiconductor AN7397K Datasheet HTML 6Page - Panasonic Semiconductor AN7397K Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ICs for Audio Common Use
1
Publication date: October 2002
SDC00027BEB
AN7397K, AN7397S
Spatializer IC for I2C bus
■ Overview
Spatializer Audio Processor is a signal process-
ing technology, monopolized by Desper Products,
Inc., that was developed for commercial electronics
and multimedia markets, and is based on Desper's
“PRO Spatializer” that is a 3-D audio production
system for business use. The AN7397K, AN7397S
utilizes the innovative technology adopted in that
system, and provides sound enhancement effect and
sound expansion with the conventional 2-speaker ste-
reo system.
■ Features
• Provides deep 3-D sound with conventional 2-
speaker system.
• The audio signal recorded through this IC can be
reproduced with usual stereo system.
• Performs optimal processing to the sound source
recorded with surround-effect so as not to give
double effects.
• Sound localization can be varied.
• A pseudo stereo effect for the monaural audio sig-
nal is achieved.
• Positions and moves each sound source on 270°
arc in real time.
• An on-chip serial control bus (i.e., I2C) to vary
space-effect and change modes.
■ Applications
• Televisions, videos, audio equipment, DVDs, per-
sonal computers, and game machines
■ Pin Assignment
SOP020-P-0300B
AN7397S
SDIP020-P-0300
AN7397K
0.3
12.6±0.3
110
20
11
1.27
0.4
0.40±0.25
7.62±0.25
3
° to 15
°
0.35
+0.1
– 0.05
19.1±0.3
110
20
11
1.778
0.5±0.1
0.9±0.25
Unit: mm
Unit: mm
Note) Spatializerand the device trademark of circle-in-square
are owned by Desper Products Inc.
This product can be used with the consent of the Desper Products Inc.
Under the terms of the agreement between Matsushita Electric and Desper Products Inc., no technical information on the
Spatializer, which is applied to this product, shall be provided.
Note) The packages (SDIP020-P-0300 and SOP020-P-0300B) of this
product will be changed to lead-free type (SDIP020-P-0300A
and SOP020-P-0300E). See the new package dimensions sec-
tion later of this datasheet.


Similar Part No. - AN7397K

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7395 PANASONIC-AN7395 Datasheet
44Kb / 3P
   Spatializer IC
AN7395K PANASONIC-AN7395K Datasheet
44Kb / 3P
   Spatializer IC
AN7395S PANASONIC-AN7395S Datasheet
44Kb / 3P
   Spatializer IC
AN7396K PANASONIC-AN7396K Datasheet
249Kb / 14P
   Sound signal processing with built-in Spatializer IC
AN7399S PANASONIC-AN7399S Datasheet
124Kb / 7P
   Spatializer sound processor IC
More results

Similar Description - AN7397K

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7395K PANASONIC-AN7395K Datasheet
44Kb / 3P
   Spatializer IC
AN7399S PANASONIC-AN7399S Datasheet
124Kb / 7P
   Spatializer sound processor IC
logo
Sanyo Semicon Device
LA76843N SANYO-LA76843N_06 Datasheet
146Kb / 3P
   I2C Bus Control IC
LA76828N SANYO-LA76828N Datasheet
526Kb / 3P
   I2C Bus Control IC
logo
Rohm
BA8274 ROHM-BA8274 Datasheet
78Kb / 9P
   I2C bus line buffer IC
logo
Sanyo Semicon Device
LA76835NM SANYO-LA76835NM Datasheet
463Kb / 3P
   Monolithic Linear IC I2C Bus Control IC
LA76832N SANYO-LA76832N Datasheet
385Kb / 39P
   Monolithic Linear IC I2C Bus Control IC
LA76843N SANYO-LA76843N Datasheet
516Kb / 3P
   Monolithic Linear IC I2C Bus Control IC
logo
NEC
UPC1853 NEC-UPC1853 Datasheet
544Kb / 76P
   MATRIX SURROUND IC WITH I2C BUS
logo
Panasonic Semiconductor
AN7396K PANASONIC-AN7396K Datasheet
249Kb / 14P
   Sound signal processing with built-in Spatializer IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com