Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN145408 Datasheet(PDF) 1 Page - Integral Corp.

Part # IN145408
Description  DRIVERS/RECEIVERS RS-232-E
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN145408 Datasheet(HTML) 1 Page - Integral Corp.

  IN145408 Datasheet HTML 1Page - Integral Corp. IN145408 Datasheet HTML 2Page - Integral Corp. IN145408 Datasheet HTML 3Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
IN145403 IN145404 IN145405 IN145408
1
DRIVERS/RECEIVERS RS-232-E
These devices are silicon gate CMOS ICs that combine both the transmitter and receiver to fulfill the
electrical specifications of EIA Standard 232-E and CCITT V.28. The drivers feature true TTL input
compatibility, slew rate limiting outputs, 300 a power-off source impedance, and output typically
switching to within 25% of the supply rails. The receivers can handle up to ± 25V while presenting 3 to
7 kn impedance. Hysteresis in the receivers aid in the reception of noisy signals. By combining both
drivers and receivers in a single CMOS chip, these devices provide efficient, low-power solutions for
both EIA-232-E and V.28 applications. These devices offer the following performance features:
DRIVERS
• ± 5 to ± 12 V Supply Range
• 300 Q Power-Off Source Impedance
• Output Current Limiting
• TTL and CMOS Compatible Inputs
Driver Slew Rate Range Limited to 30 V/
µs
Maximum
RECEIVERS
• ± 25V Input Range
• 3 to 7 kn Input Impedance
• 0.8V of Hysteresis for Enhanced Noise Immunity
• TTL and CMOS Compatible Outputs
• Available Driver/Receiver Combinations
Device
Drivers
Receivers
Figure
No. ot Pins
IN145403
3
5
1
20
IN145404
4
4
2
20
IN145405
5
3
3
20
IN145408
5
5
4
24
IN145403
IN145404
IN145405
IN145408
3 DRIVERS/5 RECEIVERS
4 DRIVERS/4 RECEIVERS
5 DRIVERS/3 RECEIVERS
5 DRIVERS/5 RECEIVERS


Similar Part No. - IN145408

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN145406 INTEGRAL-IN145406 Datasheet
112Kb / 3P
   EIA-232-E / V.28 DRIVERS/RECEIVERS
More results

Similar Description - IN145408

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM232A AD-ADM232A_15 Datasheet
183Kb / 11P
   CMOS RS-232 Drivers/Receivers
REV. B
ADM232L AD-ADM232L_15 Datasheet
304Kb / 20P
   CMOS RS-232 Drivers/Receivers
REV. C
ADM1181A AD-ADM1181A_15 Datasheet
255Kb / 16P
   RS-232 Line Drivers/Receivers
REV. C
logo
Texas Instruments
TL145406 TI-TL145406_06 Datasheet
345Kb / 14P
[Old version datasheet]   TRIPLE RS-232 DRIVERS/RECEIVERS
logo
Analog Devices
ADM231L AD-ADM231L_15 Datasheet
304Kb / 20P
   CMOS RS-232 Drivers/Receivers
REV. C
ADM233L AD-ADM233L_15 Datasheet
304Kb / 20P
   CMOS RS-232 Drivers/Receivers
REV. C
ADM234L AD-ADM234L_15 Datasheet
304Kb / 20P
   CMOS RS-232 Drivers/Receivers
REV. C
ADM238L AD-ADM238L_15 Datasheet
304Kb / 20P
   CMOS RS-232 Drivers/Receivers
REV. C
logo
List of Unclassifed Man...
GS75232 ETC1-GS75232 Datasheet
111Kb / 10P
   Multiple RS-232 Drivers & Receivers
logo
Analog Devices
ADM213E AD-ADM213E_15 Datasheet
464Kb / 20P
   RS-232 Line Drivers/Receivers
Rev. E
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com