Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM51V4223C Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM51V4223C
Description  262,263-Word4-Bit Field Memory
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM51V4223C Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM51V4223C Datasheet HTML 2Page - OKI electronic componets MSM51V4223C Datasheet HTML 3Page - OKI electronic componets MSM51V4223C Datasheet HTML 4Page - OKI electronic componets MSM51V4223C Datasheet HTML 5Page - OKI electronic componets MSM51V4223C Datasheet HTML 6Page - OKI electronic componets MSM51V4223C Datasheet HTML 7Page - OKI electronic componets MSM51V4223C Datasheet HTML 8Page - OKI electronic componets MSM51V4223C Datasheet HTML 9Page - OKI electronic componets MSM51V4223C Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
FEDS51V4223C-03
1Semiconductor
MSM51V4223C
6/15
Read Operation
The read operation is controlled by three clocks, SRCK, RSTR, and RE. Read operation is accomplished by
cycling SRCK, and holding RE high after the read address pointer reset operation or RSTR.
Each read operation, which begins after RSTR, must contain at least 130 active read cycles, i.e. SRCK cycles while
RE is high.
Read Reset: RSTR
The first positive transition of SRCK after RSTR becomes high resets the read address counters to zero. RSTR
setup and hold times are referenced to the rising edge of SRCK. Because the read reset function is solely controlled
by the SRCK rising edge after the high level of RSTR, the states of RE and OE are ignored in the read reset
cycle.Before RSTR may be brought high again for a further reset operation, it must be low for at least two SRCK
cycles.
Data Out: D
OUT0 to 3
Read Clock: SRCK
Data is shifted out of the data registers. It is triggered by the rising edge of SRCK when RE is high during a read
operation. The SRCK input increments the internal read address pointer when RE is high.
The three-state output buffer provides direct TTL compatibility (no pullup resistor required). Data out is the same
polarity as data in. The output becomes valid after the access time interval t
AC that begins with the rising edge of
SRCK. There are no output valid time restriction on MSM51V4223C.
Read Enable: RE
The function of RE is to gate of the SRCK clock for incrementing the read pointer. When RE is high before the
rising edge of SRCK, the read pointer is incremented. When RE is low, the read pointer is not incremented. RE
setup times (t
RENS and tRDSS) and RE hold times (tRENH and tRDSH) are referenced to the rising edge of the SRCK
clock.
Output Enable: OE
OE is used to enable/disable the outputs. OE high level enables the outputs. The internal read address pointer is
always incremented by cycling SRCK regardless of the OE level. Note that OE setup and hold times are referenced
to the rising edge of SRCK.


Similar Part No. - MSM51V4223C

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM51V4221C OKI-MSM51V4221C Datasheet
236Kb / 16P
   262,263-Word 횞 4-Bit Field Memory
MSM51V4221C-30JA OKI-MSM51V4221C-30JA Datasheet
236Kb / 16P
   262,263-Word 횞 4-Bit Field Memory
MSM51V4221C-30RA OKI-MSM51V4221C-30RA Datasheet
236Kb / 16P
   262,263-Word 횞 4-Bit Field Memory
MSM51V4221C-30RD OKI-MSM51V4221C-30RD Datasheet
236Kb / 16P
   262,263-Word 횞 4-Bit Field Memory
MSM51V4221C-40JA OKI-MSM51V4221C-40JA Datasheet
236Kb / 16P
   262,263-Word 횞 4-Bit Field Memory
More results

Similar Description - MSM51V4223C

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM51V4222C OKI-MSM51V4222C Datasheet
237Kb / 16P
   262,263-Word 횞 4-Bit Field Memory
MSM51V4221C OKI-MSM51V4221C Datasheet
236Kb / 16P
   262,263-Word 횞 4-Bit Field Memory
MSM514223B OKI-MSM514223B Datasheet
139Kb / 14P
   262,263-Word x 4-Bit Field Memory
MSM514221B OKI-MSM514221B Datasheet
154Kb / 15P
   262,263-Word x 4-Bit Field Memory
MSM514222B OKI-MSM514222B Datasheet
154Kb / 15P
   262,263-Word x 4-Bit Field Memory
MSM54V12222B OKI-MSM54V12222B Datasheet
135Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
MSM5424331 OKI-MSM5424331 Datasheet
241Kb / 34P
   222,720-Word 횞 24-Bit Field Memory
MSM5412222B OKI-MSM5412222B Datasheet
134Kb / 17P
   262,214-Word 횞 12-Bit Field Memory
MS81V05200 OKI-MS81V05200 Datasheet
355Kb / 25P
   (583,680-word 횞 10-bit) FIFO memory
logo
Fujitsu Component Limit...
MB82DP04183C FUJITSU-MB82DP04183C Datasheet
289Kb / 33P
   64M Bit (4 M word 횞 16 bit) Mobile Phone Application Specific Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com