Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM51V1000A Datasheet(PDF) 1 Page - OKI electronic componets

Part No. MSM51V1000A
Description  1,048,576-Word ´ 1-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo OKI - OKI electronic componets

MSM51V1000A Datasheet(HTML) 1 Page - OKI electronic componets

  MSM51V1000A Datasheet HTML 1Page - OKI electronic componets MSM51V1000A Datasheet HTML 2Page - OKI electronic componets MSM51V1000A Datasheet HTML 3Page - OKI electronic componets MSM51V1000A Datasheet HTML 4Page - OKI electronic componets MSM51V1000A Datasheet HTML 5Page - OKI electronic componets MSM51V1000A Datasheet HTML 6Page - OKI electronic componets MSM51V1000A Datasheet HTML 7Page - OKI electronic componets MSM51V1000A Datasheet HTML 8Page - OKI electronic componets MSM51V1000A Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1/15
¡ Semiconductor
MSM51V1000A
DESCRIPTION
The MSM51V1000A is a 1,048,576-word ¥ 1-bit dynamic RAM fabricated in Oki's silicon-gate CMOS
technology. The MSM51V1000A achieves high integration, high-speed operation, and low-power
consumption because Oki manufactures the device in a quadruple-layer polysilicon/single-layer
metal CMOS process. The MSM51V1000A is available in a 26/20-pin plastic SOJ or 20-pin plastic ZIP.
FEATURES
• 1,048,576-word ¥ 1-bit configuration
• Single 3.3 V power supply,
±0.3 V tolerance
• Input
: LVTTL compatible, low input capacitance
• Output : LVTTL compatible, 3-state
• Refresh : 512 cycles/8 ms
• Fast page mode, read modify write capability
• CAS before RAS refresh, hidden refresh, RAS-only refresh capability
• Package options:
26/20-pin 300 mil plastic SOJ
(SOJ26/20-P-300-1.27) (Product : MSM51V1000A-xxJS)
20-pin 400 mil plastic ZIP
(ZIP20-P-400-1.27)
(Product : MSM51V1000A-xxZS)
xx indicates speed rank.
PRODUCT FAMILY
¡ Semiconductor
MSM51V1000A
1,048,576-Word
¥ 1-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V1000A-80
80 ns
150 ns
190 ns
144 mW
126 mW
1.8 mW
Family
Access Time (Max.)
Cycle Time
(Min.)
Standby (Max.)
Power Dissipation
MSM51V1000A-10
tRAC
100 ns
45 ns
tAA
50 ns
25 ns
tCAC
30 ns
MSM51V1000A-70
70 ns
130 ns
162 mW
40 ns
25 ns
Operating (Max.)
E2G0056-17-41
This version: Jan. 1998
Previous version: May 1997


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn