Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM51V1000A Datasheet(PDF) 5 Page - OKI electronic componets

Part No. MSM51V1000A
Description  1,048,576-Word ´ 1-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo OKI - OKI electronic componets

MSM51V1000A Datasheet(HTML) 5 Page - OKI electronic componets

  MSM51V1000A Datasheet HTML 1Page - OKI electronic componets MSM51V1000A Datasheet HTML 2Page - OKI electronic componets MSM51V1000A Datasheet HTML 3Page - OKI electronic componets MSM51V1000A Datasheet HTML 4Page - OKI electronic componets MSM51V1000A Datasheet HTML 5Page - OKI electronic componets MSM51V1000A Datasheet HTML 6Page - OKI electronic componets MSM51V1000A Datasheet HTML 7Page - OKI electronic componets MSM51V1000A Datasheet HTML 8Page - OKI electronic componets MSM51V1000A Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5/15
¡ Semiconductor
MSM51V1000A
DC Characteristics
IOH = –2.0 mA
Output High Voltage
IOL = 2.0 mA
Output Low Voltage
0 V £ VI £ VCC + 0.3 V;
All other pins not
Input Leakage Current
under test = 0 V
DOUT disable
Output Leakage Current
0 V £ VO £ 3.6 V
RAS, CAS cycling,
Average Power
tRC = Min.
Supply Current
(Operating)
RAS, CAS = VIH
Power Supply
RAS, CAS
Current (Standby)
RAS cycling,
Average Power
CAS = VIH,
Supply Current
tRC = Min.
(RAS-only Refresh)
RAS = VIH,
Power Supply
CAS = VIL,
Current (Standby)
DOUT = enable
Average Power
CAS before RAS
Supply Current
(CAS before RAS Refresh)
RAS = VIL,
Average Power
CAS cycling,
Supply Current
tPC = Min.
(Fast Page Mode)
≥ VCC –0.2 V
RAS cycling,
VOH
VOL
ILI
ILO
ICC1
ICC2
ICC3
ICC5
ICC6
ICC7
Parameter
Symbol
Condition
MSM51V1000
A-70
MSM51V1000
A-80
MSM51V1000
A-10
Min.
2.4
0
–10
–10
Max.
VCC
0.4
10
10
50
0.5
50
5
50
45
2
Min.
2.4
0
–10
–10
Max.
VCC
0.4
10
10
45
0.5
45
5
45
40
2
Min.
2.4
0
–10
–10
Max.
VCC
0.4
10
10
40
0.5
40
5
40
35
2
Unit
V
V
mA
mA
mA
mA
mA
mA
mA
mA
(VCC = 3.3 V ±0.3 V, Ta = 0°C to 70°C)
Note
1, 2
1, 2
1
1, 2
1, 3
1
Notes : 1. ICC Max. is specified as ICC for output open condition.
2. The address can be changed once or less while RAS = VIL.
3. The address can be changed once or less while CAS = VIH.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn