![]() |
Electronic Components Datasheet Search |
|
MSC2343657D-XXBS10 Datasheet(PDF) 1 Page - OKI electronic componets |
|
MSC2343657D-XXBS10 Datasheet(HTML) 1 Page - OKI electronic componets |
1 / 9 page ![]() Semiconductor MSC2343657D-xxBS10/DS10 4,194,304-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO This version: Mar. 8. 1999 DESCRIPTION The MSC2343657D-xxBS10/DS10 is a fully decoded, 4,194,304-word x 36-bit CMOS dynamic random access memory module composed of eight 16Mb DRAMs (4Mx4) in SOJ packages and two 8Mb DRAMs (4Mx2) in SOJ packages mounted with ten decoupling capacitors on a 72-pin glass epoxy single in-line package. This module supports any application where high density and large capacity of storage memory are required. FEATURES · 4,194,304-word x 36-bit organization · 72-pin Single In-Line Memory Module MSC2343657D-xxBS10 : Gold tab MSC2343657D-xxDS10 : Solder tab · Single +5V supply ± 10% tolerance · Input : TTL compatible · Output : TTL compatible, 3-state · Refresh : 2048cycles/32ms · /CAS before /RAS refresh, hidden refresh, /RAS only refresh capability · Fast page mode with EDO capability · Multi-bit test mode capability PRODUCT FAMILY Access Time (Max.) Power Dissipation Family tRAC tAA tCAC Cycle Time (Min.) Operating (Max.) Standby (Max.) MSC2343657D-60BS10/DS10 60ns 30ns 15ns 110ns 5720mW MSC2343657D-70BS10/DS10 70ns 35ns 20ns 130ns 5225mW 55mW |