Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSC2343657D-XXBS10 Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSC2343657D-XXBS10
Description  4,194,304-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC2343657D-XXBS10 Datasheet(HTML) 5 Page - OKI electronic componets

  MSC2343657D-XXBS10 Datasheet HTML 1Page - OKI electronic componets MSC2343657D-XXBS10 Datasheet HTML 2Page - OKI electronic componets MSC2343657D-XXBS10 Datasheet HTML 3Page - OKI electronic componets MSC2343657D-XXBS10 Datasheet HTML 4Page - OKI electronic componets MSC2343657D-XXBS10 Datasheet HTML 5Page - OKI electronic componets MSC2343657D-XXBS10 Datasheet HTML 6Page - OKI electronic componets MSC2343657D-XXBS10 Datasheet HTML 7Page - OKI electronic componets MSC2343657D-XXBS10 Datasheet HTML 8Page - OKI electronic componets MSC2343657D-XXBS10 Datasheet HTML 9Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Semiconductor
MSC2343657D
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Voltage on Any Pin Relative to VSS
VIN, VOUT
-0.5 to +7.0
V
Voltage on VCC Supply Relative to VSS
VCC
-0.5 to +7.0
V
Short Circuit Output Current
IOS
50
mA
Power Dissipation
PD *10
W
Operating Temperature
TOPR
0 to +70
°C
Storage Temperature
TSTG
-40 to +125
°C
* Ta = 25°C
Recommended Operating Conditions
( Ta = 0°C to +70°C )
Parameter
Symbol
Min.
Typ.
Max.
Unit
VCC
4.5
5.0
5.5
V
Power Supply Voltage
VSS
000
V
Input High Voltage
VIH
2.4
-
VCC + 0.5
V
Input Low Voltage
VIL
-0.5
-
0.8
V
Capacitance
( VCC = 5V ± 10%, Ta = 25°C, f = 1 MHz )
Parameter
Symbol
Typ.
Max.
Unit
Input Capacitance (A0 - A10)
CIN1
-70
pF
Input Capacitance (/WE)
CIN2
-80
pF
Input Capacitance (/RAS0, /RAS2)
CIN3
-43
pF
Input Capacitance (/CAS0- /CAS3)
CIN4
-28
pF
I/O Capacitance (DQ0 - DQ35)
CDQ
-16
pF


Similar Part No. - MSC2343657D-XXBS10

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23436A OKI-MSC23436A Datasheet
556Kb / 8P
   4,194,304-Word x 36-Bit DRAM MODULE : FAST PAGE TYPE
MSC23436A-XXBS12 OKI-MSC23436A-XXBS12 Datasheet
556Kb / 8P
   4,194,304-Word x 36-Bit DRAM MODULE : FAST PAGE TYPE
MSC23436A-XXDS12 OKI-MSC23436A-XXDS12 Datasheet
556Kb / 8P
   4,194,304-Word x 36-Bit DRAM MODULE : FAST PAGE TYPE
MSC23436B OKI-MSC23436B Datasheet
218Kb / 9P
   4,194,304 Word By 36-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23436B-XXBS10 OKI-MSC23436B-XXBS10 Datasheet
218Kb / 9P
   4,194,304 Word By 36-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
More results

Similar Description - MSC2343657D-XXBS10

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23Q43657D-XXBS9 OKI-MSC23Q43657D-XXBS9 Datasheet
80Kb / 9P
   4,194,304-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23436D OKI-MSC23436D Datasheet
47Kb / 9P
   4,194,304-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC2343257D OKI-MSC2343257D Datasheet
46Kb / 9P
   4,194,304-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V47257TD-XXBS18 OKI-MSC23V47257TD-XXBS18 Datasheet
94Kb / 10P
   4,194,304-Word x 72-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23436C OKI-MSC23436C Datasheet
46Kb / 9P
   4,194,304-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23Q436D-XXBS9 OKI-MSC23Q436D-XXBS9 Datasheet
79Kb / 9P
   4,194,304-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23437D-XXBS9 OKI-MSC23437D-XXBS9 Datasheet
86Kb / 9P
   4,194,304-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23V43257D OKI-MSC23V43257D Datasheet
53Kb / 10P
   4,194,304-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23CV43257D-XXBS8 OKI-MSC23CV43257D-XXBS8 Datasheet
83Kb / 9P
   4,194,304-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V46457TD-XXBS16 OKI-MSC23V46457TD-XXBS16 Datasheet
93Kb / 10P
   4,194,304-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com