Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSC23437D-XXBS9 Datasheet(PDF) 5 Page - OKI electronic componets

Part No. MSC23437D-XXBS9
Description  4,194,304-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo OKI - OKI electronic componets

MSC23437D-XXBS9 Datasheet(HTML) 5 Page - OKI electronic componets

  MSC23437D-XXBS9 Datasheet HTML 1Page - OKI electronic componets MSC23437D-XXBS9 Datasheet HTML 2Page - OKI electronic componets MSC23437D-XXBS9 Datasheet HTML 3Page - OKI electronic componets MSC23437D-XXBS9 Datasheet HTML 4Page - OKI electronic componets MSC23437D-XXBS9 Datasheet HTML 5Page - OKI electronic componets MSC23437D-XXBS9 Datasheet HTML 6Page - OKI electronic componets MSC23437D-XXBS9 Datasheet HTML 7Page - OKI electronic componets MSC23437D-XXBS9 Datasheet HTML 8Page - OKI electronic componets MSC23437D-XXBS9 Datasheet HTML 9Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Semiconductor
MSC23437D
5/9
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Voltage on Any Pin Relative to VSS
VT
−0.5 to 7.0
V
Short Circuit Output Current
IOS
50
mA
Power Dissipation
PD *9
W
Operating Temperature
TOPR
0 to 70
°C
Storage Temperature
TSTG
−40 to 125
°C
*: Ta = 25°C
Recommended Operating Conditions
(Ta = 0°C to 70°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
VCC
4.5
5.0
5.5
V
Power Supply Voltage
VSS
000
V
Input High Voltage
VIH
2.4
VCC
+ 0.5
V
Input Low Voltage
VIL
−0.5
0.8
V
Capacitance
(VCC = 5V ±10%, Ta = 25°C, f = 1 MHz)
Parameter
Symbol
Typ.
Max.
Unit
Input Capacitance (A0 - A11)
CIN1
64
pF
Input Capacitance (/RAS0, /CAS0, /WE, /OE)
CIN2
73
pF
I/O Capacitance (DQ0 - DQ35)
CI/O
16
pF


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn