Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC23136DS10 Datasheet(PDF) 6 Page - OKI electronic componets

Part # SC23136DS10
Description  1,048,576-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

SC23136DS10 Datasheet(HTML) 6 Page - OKI electronic componets

  SC23136DS10 Datasheet HTML 1Page - OKI electronic componets SC23136DS10 Datasheet HTML 2Page - OKI electronic componets SC23136DS10 Datasheet HTML 3Page - OKI electronic componets SC23136DS10 Datasheet HTML 4Page - OKI electronic componets SC23136DS10 Datasheet HTML 5Page - OKI electronic componets SC23136DS10 Datasheet HTML 6Page - OKI electronic componets SC23136DS10 Datasheet HTML 7Page - OKI electronic componets SC23136DS10 Datasheet HTML 8Page - OKI electronic componets SC23136DS10 Datasheet HTML 9Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Semiconductor
MSC23136D/DL
DC Characteristics
(VCC = 5V ± 10%, Ta = 0°C to +70°C )
MSC23136D/DL
-60BS10/DS10
MSC23136D/DL
-70BS10/DS10
Parameter
Symbo
l
Condition
Min.
Max.
Min.
Max.
Unit
Note
Input Leakage Current
ILI
0V
≤ VIN ≤ 6.5V:
All other pins not
under test = 0V
-100
100
-100
100
µA
Output Leakage Current
ILO
Data out is disable
0V
≤ VOUT ≤ 5.5V
-10
10
-10
10
µA
Output High Voltage
VOH
IOH = -5.0mA
2.4
VCC
2.4
VCC
V
Output Low Voltage
VOL
IOL = 4.2mA
0
0.4
0
0.4
V
Average Power Supply Current
(Operating)
ICC1
/RAS cycling,
/CAS cycling,
tRC = min.
-
880
-
780
mA
1, 2
TTL
-
20
-
20
mA
1
-10
-
10
mA
1
Power supply current
(Standby)
ICC2
/RAS = VIH
/CAS = VIH
MOS
-
1.8
-
1.8
mA
1, 5
Average Power Supply Current
(/RAS only refresh)
ICC3
/RAS cycling,
/CAS = VIH,
tRC = min.
-
880
-
780
mA
1, 2
Average Power Supply Current
(/CAS before /RAS refresh)
ICC6
tRC = min.
-
880
-
780
mA
1, 2
Average Power Supply Current
(Fast Page Mode)
ICC7
/RAS = VIL,
/CAS cycling,
tPC = min.
-
680
-
590
mA
1, 3
Average Power Supply Current
(Battery Backup)
ICC10
tRC = 125µs,
/CAS before /RAS
cycling
-
2.8
-
2.8
mA
1, 4, 5
Notes: 1. ICC is dependent on output loading and cycles rates. Specified values are obtained with the output open.
2. Address can be changed once or less while /RAS = VIL.
3. Address can be changed once or less while /CAS = VIH.
4. VCC - 0.2V
≤ VIH ≤ 6.5V, - 1.0V ≤ VIL ≤ 0.2V.
5. L-version.


Similar Part No. - SC23136DS10

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
SC2313L FUMAN-SC2313L Datasheet
255Kb / 14P
   Four-channel sound quality processor
More results

Similar Description - SC23136DS10

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23137D-XXBS9 OKI-MSC23137D-XXBS9 Datasheet
84Kb / 9P
   1,048,576-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23B136D OKI-MSC23B136D Datasheet
298Kb / 9P
   1,048,576 Word By 36 Bit DYNAMIC RAM MODULE : FAST PAGE MODE
MSC23B1321D OKI-MSC23B1321D Datasheet
76Kb / 9P
   1,048,576-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23132D OKI-MSC23132D Datasheet
82Kb / 9P
   1,048,576-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23140D-XXBS10 OKI-MSC23140D-XXBS10 Datasheet
84Kb / 9P
   1,048,576-word x 40-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSM5116160D OKI-MSM5116160D Datasheet
526Kb / 17P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5118160A OKI-MSM5118160A Datasheet
605Kb / 8P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5118160D OKI-MSM5118160D Datasheet
526Kb / 17P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM512200 OKI-MSM512200 Datasheet
475Kb / 17P
   1,048,576-Word X 2-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V4400E OKI-MSM51V4400E Datasheet
174Kb / 14P
   1,048,576-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com