Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN7354 Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # AN7354
Description  Dolby B/C-type Noise Reduction
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN7354 Datasheet(HTML) 6 Page - Panasonic Semiconductor

Back Button AN7354 Datasheet HTML 2Page - Panasonic Semiconductor AN7354 Datasheet HTML 3Page - Panasonic Semiconductor AN7354 Datasheet HTML 4Page - Panasonic Semiconductor AN7354 Datasheet HTML 5Page - Panasonic Semiconductor AN7354 Datasheet HTML 6Page - Panasonic Semiconductor AN7354 Datasheet HTML 7Page - Panasonic Semiconductor AN7354 Datasheet HTML 8Page - Panasonic Semiconductor AN7354 Datasheet HTML 9Page - Panasonic Semiconductor AN7354 Datasheet HTML 10Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ICs for Cassette, Cassette Deck
AN7354SC
–20
–40
–60
–80
–100
–20
–40
–60
–80
–100
Frequency (Hz)
10k
20k
200
100
Crosstalk
500
1k
2k
5k
REC. Mode to PB Mode
VCC =
± 6V 30kHz LPF
–20
–40
–60
–80
–100
–20
–40
–60
–80
–100
Frequency (Hz)
10k
20k
200
100
Crosstalk
500
1k
2k
5k
PB Mode to REC. Mode
VCC =
± 6V 30kHz LPF
C type
B type
NR OFF
C type
B type
NR OFF
Frequency (Hz)
10k
20k
200
100
Crosstalk
500
1k
2k
5k
Frequency (Hz)
10k
20k
200
100
Crosstalk
500
1k
2k
5k
30
28
26
24
22
20
18
16
Frequency (Hz)
10k
20k
200
100
Total Gain
500
1k
2k
5k
PB IN to PB OUT (Mode : PB OFF)
PB IN to REC. OUT (Mode : REC. OFF)
REC. IN to PB OUT (Mode : REC. OFF)
REC. IN to REC. OUT (Mode : REC. OFF)
VCC =
± 6V
100
90
80
70
60
50
Supply Voltage VCC (V)
±6.5
±4.5
S/N
±5.0
±5.5
±6.0
CCIR/ARM Rg= 5.1k
PB · B
PB · C
REC. · OFF
PB. · OFF
REC. · B
REC. · C
PB Mode ch. to ch.
VCC =
± 6V 30kHz LPF
REC. Mode to ch. to ch.
VCC =
± 6V 30kHz LPF
C type
B type
NR OFF
C type
B type
NR OFF
6
5
4
3
2
1
0
Input Level Vin (dB)
–30
–40
Level Meter Characteristics
–20
–10
0
10
0
–10
–20
–30
–40
–50
–60
–70
Frequency (Hz)
100
Delay Circuit Characteristics
500
Hi Gain
Normal Gain
Vin = 388mVrms (0dB)
Mode : PB MPX ON
VCC =
± 6V
90
200
1k
2k
10k
5k
20k
0
–90
–180


Similar Part No. - AN7354

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7352 PANASONIC-AN7352 Datasheet
49Kb / 3P
   Playback Pre-amplifier for Stereo Cassette Deck
AN7352S PANASONIC-AN7352S Datasheet
49Kb / 3P
   Playback Pre-amplifier for Stereo Cassette Deck
AN7353S PANASONIC-AN7353S Datasheet
46Kb / 3P
   Record Equalizer Amp. for Stereo Cassette Deck
AN7356 PANASONIC-AN7356 Datasheet
144Kb / 16P
   Recording and playback equalizer amp. IC for Hi-Fi cassette deck
AN7356NSC PANASONIC-AN7356NSC Datasheet
144Kb / 16P
   Recording and playback equalizer amp. IC for Hi-Fi cassette deck
More results

Similar Description - AN7354

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1141 NSC-LM1141 Datasheet
172Kb / 5P
   DOLBY B-C TYPE NOISE REDUCTION
logo
Panasonic Semiconductor
AN7374K PANASONIC-AN7374K Datasheet
100Kb / 8P
   Dolby B/C Type Noise Reduction IC
logo
Sony Corporation
CXA1330S SONY-CXA1330S Datasheet
381Kb / 18P
   DOLBY B/C TYPE NOISE REDUCTION SYSTEM
CXA1560S SONY-CXA1560S Datasheet
347Kb / 18P
   Dolby B-C Type Noise Reduction System
CX20188 SONY-CX20188 Datasheet
1Mb / 22P
   DOLBY B-C TYPE NOISE REDUCTION SYSTEM
logo
New Japan Radio
NJM2065A NJRC-NJM2065A Datasheet
132Kb / 3P
   DOLBY B-C TYPE NOISE REDUCTION PROCESSOR?
logo
Hitachi Semiconductor
HA12141NT HITACHI-HA12141NT Datasheet
392Kb / 63P
   Dolby B- and C-Type Noise Reduction System
logo
National Semiconductor ...
LM1112 NSC-LM1112 Datasheet
203Kb / 6P
   DOLBY B-TYPE NOISE REDUCTION PROCESSOR
logo
Hitachi Semiconductor
HA12134A HITACHI-HA12134A Datasheet
130Kb / 27P
   Dolby B-Type Noise Reduction System
logo
New Japan Radio
NJM2063A NJRC-NJM2063A Datasheet
116Kb / 2P
   DOLBY B-TYPE NOISE REDUCTION PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com