Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM2451 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. LM2451
Description  220V Monolithic Triple Channel 12 MHz DC Coupled CRT DTV Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2451 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2451 Datasheet HTML 1Page - National Semiconductor (TI) LM2451 Datasheet HTML 2Page - National Semiconductor (TI) LM2451 Datasheet HTML 3Page - National Semiconductor (TI) LM2451 Datasheet HTML 4Page - National Semiconductor (TI) LM2451 Datasheet HTML 5Page - National Semiconductor (TI) LM2451 Datasheet HTML 6Page - National Semiconductor (TI) LM2451 Datasheet HTML 7Page - National Semiconductor (TI) LM2451 Datasheet HTML 8Page - National Semiconductor (TI) LM2451 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AC Test Circuit
Figure 3 shows a typical test circuit for evaluation of the LM2451. This circuit is designed to allow testing of the LM2451 in a 50
environment without the use of an expensive FET probe. The two 4990
Ω resistors form a 400:1 divider with the 50Ω resistor and
the oscilloscope. A test point is included for easy use of an oscilloscope probe. The compensation capacitor is used to
compensate the network to achieve flat frequency response.
20144403
Note: 10 pF load includes parasitic capacitance.
FIGURE 3. Test Circuit (One Channel)
www.national.com
3


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
LM2450 220V Monolithic Triple Channel 7 MHz DC Coupled CRT DTV Driver 1  2  3  4  5  More National Semiconductor (TI)
LM2452 220V Monolithic Triple Channel 17 MHz DC Coupled CRT DTV Driver 1  2  3  4  5  More National Semiconductor (TI)
LM2423 220V Monolithic Triple Channel 15 MHz CRT DTV Driver 1  2  3  4  5  More National Semiconductor (TI)
LM2425 220V Monolithic Triple Channel 10 MHz CRT DTV Driver 1  2  3  4  5  More National Semiconductor (TI)
LM2422 220V Monolithic Triple Channel 30 MHz CRT DTV Driver 1  2  3  4  5  More National Semiconductor (TI)
LM2432 220V Monolithic Single Channel 37 MHz HDTV CRT Driver 1  2  3  4  5  More National Semiconductor (TI)
LM2429 Monolithic Triple Channel 15 MHz DTV Driver 1  2  3  4  5  More National Semiconductor (TI)
LM2433 220V Monolithic Single Channel 16 MHz EDTV CRT Driver 1  2  3  4  5  More National Semiconductor (TI)
LM2426TE Monolithic Triple Channel 30 MHz DTV Driver 1  2  3  4  5  More National Semiconductor (TI)
LM2459 Monolithic Single Channel 15 MHz DTV CRT Driver 1  2  3  4  5  More National Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn