Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM78P157NAAS Datasheet(PDF) 9 Page - ELAN Microelectronics Corp

Part # EM78P157NAAS
Description  8-Bit Microcontroller with OTP ROM
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P157NAAS Datasheet(HTML) 9 Page - ELAN Microelectronics Corp

Back Button EM78P157NAAS Datasheet HTML 5Page - ELAN Microelectronics Corp EM78P157NAAS Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P157NAAS Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P157NAAS Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P157NAAS Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P157NAAS Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P157NAAS Datasheet HTML 11Page - ELAN Microelectronics Corp EM78P157NAAS Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P157NAAS Datasheet HTML 13Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
EM78P157N
8-Bit Microcontroller with OTP ROM
Product Specification (V1.0) 09.22.2005
• 3
(This specification is subject to change without further notice)
3.2 Pin Descriptions
3.2.1 EM78P157NBP and EM78P157NBM Pin Descriptions
Symbol
Pin No.
Type
Function
VDD
10
Power supply
OSCI
12
I
XTAL type: Crystal input terminal or external clock input pin
ERC type: RC oscillator input pin
OSCO
11
I/O
XTAL type: Output terminal for crystal oscillator or external clock input pin
RC type: Instruction clock output
External clock signal input
TCC
3
I
The real time clock/counter (with Schmitt trigger input pin), must be tied
to VDD or VSS if not in use
/RESET
4
I
Input pin with Schmitt trigger. If this pin remains at logic low, the controller
will also remain at reset condition.
P50~P53
13, 14,
1, 2
I/O
P50~P53 are bi-directional I/O pins
P50 and P51 can also be defined as the R-option pins
P50~P52 can be set as pull-down by software
P60~P61
6~7
I/O
P60~P61 are bi-directional I/O pins
These pins can be set as pull-high, pull-down, or open-drain through
software programming
P66~P67
8~9
I/O
P66~P67 are bi-directional I/O pins
These pins can be set as pull-high or open-drain through software
programming
/INT
6
I
External interrupt pin triggered by falling edge
VSS
5
Ground
3.2.2 EM78P157NAP and EM78P157NAM Pin Descriptions
Symbol
Pin No.
Type
Function
VDD
14
Power supply
OSCI
16
I
XTAL type: Crystal input terminal or external clock input pin
ERC type: RC oscillator input pin
OSCO
15
I/O
XTAL type: Output terminal for crystal oscillator or external clock input pin
RC type: Instruction clock output
External clock signal input
TCC
3
I
The real time clock/counter (with Schmitt trigger input pin), must be tied to
VDD or VSS if not in use
/RESET
4
I
Input pin with Schmitt trigger. If this pin remains at logic low, the controller
will also remain at reset condition.
P50~P53
17,18,
1, 2
I/O
P50~P53 are bi-directional I/O pins
P50 and P51 can also be defined as the R-option pins
P50~P52 can be set as pull-down by software
P60~P67
6~13
I/O
P60~P67 are bi-directional I/O pins
These pins can be set as pull-high or open-drain through software
programming
P60~P63 can also be set as pull-down by software
/INT
6
I
External interrupt pin triggered by falling edge
VSS
5
Ground


Similar Part No. - EM78P157NAAS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM78P152S ETC1-EM78P152S Datasheet
661Kb / 52P
   8-Bit Microcontroller with OTP ROM
logo
ELAN Microelectronics C...
EM78P153 EMC-EM78P153 Datasheet
1Mb / 19P
   8-bit microprocessor with low-power and high-speed CMOS technology
logo
List of Unclassifed Man...
EM78P153 ETC1-EM78P153 Datasheet
661Kb / 52P
   8-Bit Microcontroller with OTP ROM
logo
ELAN Microelectronics C...
EM78P153B EMC-EM78P153B Datasheet
1Mb / 46P
   8-Bit Microcontroller with OTP ROM
EM78P153BD14 EMC-EM78P153BD14 Datasheet
1Mb / 46P
   8-Bit Microcontroller with OTP ROM
More results

Similar Description - EM78P157NAAS

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P154N EMC-EM78P154N Datasheet
487Kb / 46P
   8-Bit Microcontroller with OTP ROM
EM78P211 EMC-EM78P211 Datasheet
63Kb / 4P
   8-Bit Microcontroller with OTP ROM
logo
List of Unclassifed Man...
EM78P152S ETC1-EM78P152S Datasheet
661Kb / 52P
   8-Bit Microcontroller with OTP ROM
logo
ELAN Microelectronics C...
EM78P153K EMC-EM78P153K Datasheet
903Kb / 68P
   8-Bit Microcontroller with OTP ROM
EM78P163N EMC-EM78P163N Datasheet
700Kb / 82P
   8-Bit Microcontroller with OTP ROM
EM78P176N EMC-EM78P176N Datasheet
1Mb / 64P
   8-Bit Microcontroller with OTP ROM
EM78P153B EMC-EM78P153B Datasheet
1Mb / 46P
   8-Bit Microcontroller with OTP ROM
EM78P451S EMC-EM78P451S Datasheet
421Kb / 54P
   8-Bit Microcontroller with OTP ROM
EM78P372N EMC-EM78P372N Datasheet
3Mb / 126P
   8-Bit Microcontroller with OTP ROM
EM78P159N EMC-EM78P159N Datasheet
453Kb / 48P
   8-Bit Microcontroller with OTP ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com