Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSC23V46457TD-XXBS16 Datasheet(PDF) 1 Page - OKI electronic componets

Part No. MSC23V46457TD-XXBS16
Description  4,194,304-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo OKI - OKI electronic componets

MSC23V46457TD-XXBS16 Datasheet(HTML) 1 Page - OKI electronic componets

  MSC23V46457TD-XXBS16 Datasheet HTML 1Page - OKI electronic componets MSC23V46457TD-XXBS16 Datasheet HTML 2Page - OKI electronic componets MSC23V46457TD-XXBS16 Datasheet HTML 3Page - OKI electronic componets MSC23V46457TD-XXBS16 Datasheet HTML 4Page - OKI electronic componets MSC23V46457TD-XXBS16 Datasheet HTML 5Page - OKI electronic componets MSC23V46457TD-XXBS16 Datasheet HTML 6Page - OKI electronic componets MSC23V46457TD-XXBS16 Datasheet HTML 7Page - OKI electronic componets MSC23V46457TD-XXBS16 Datasheet HTML 8Page - OKI electronic componets MSC23V46457TD-XXBS16 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Semiconductor
MSC23V46457TD-xxBS16
4,194,304-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
This version: Apr.22. 1999
DESCRIPTION
The MSC23V46457TD-xxBS16 is a 4,194,304-word x 64-bit CMOS dynamic random access memory module which
is composed of sixteen 16Mb(4Mx4) DRAMs in TSOP packages mounted with sixteen decoupling capacitors. This
is an 168-pin dual in-line memory module. This module supports any application where high density and large
capacity of storage memory are required.
FEATURES
· 4,194,304-word x 64-bit organization
· 168-pin Dual In-line Memory Module
· Gold tab
· Single 3.3V power supply, ±0.3V tolerance
· Input
: LVTTL compatible
· Output
: LVTTL compatible, 3-state
· Refresh
: 2048cycles/ 32ms
· /CAS before /RAS refresh, hidden refresh, /RAS only refresh capability
· Fast page mode with EDO, read modify write capability
· Multi-bit test mode capability
· Serial Presence Detect
PRODUCT FAMILY
Access Time (Max.)
Power Dissipation (Max.)
Family
tRAC
tAA
tCAC
tOEA
Cycle
Time
(Min.)
Operating
Standby
MSC23V46457TD-50BS16
50ns
25ns
13ns
13ns
84ns
5760mW
MSC23V46457TD-60BS16
60ns
30ns
15ns
15ns
104ns
5184mW
MSC23V46457TD-70BS16
70ns
35ns
20ns
20ns
124ns
4608mW
28.8mW


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn