Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSC23V46457TD-XXBS16 Datasheet(PDF) 4 Page - OKI electronic componets

Part No. MSC23V46457TD-XXBS16
Description  4,194,304-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC23V46457TD-XXBS16 Datasheet(HTML) 4 Page - OKI electronic componets

  MSC23V46457TD-XXBS16 Datasheet HTML 1Page - OKI electronic componets MSC23V46457TD-XXBS16 Datasheet HTML 2Page - OKI electronic componets MSC23V46457TD-XXBS16 Datasheet HTML 3Page - OKI electronic componets MSC23V46457TD-XXBS16 Datasheet HTML 4Page - OKI electronic componets MSC23V46457TD-XXBS16 Datasheet HTML 5Page - OKI electronic componets MSC23V46457TD-XXBS16 Datasheet HTML 6Page - OKI electronic componets MSC23V46457TD-XXBS16 Datasheet HTML 7Page - OKI electronic componets MSC23V46457TD-XXBS16 Datasheet HTML 8Page - OKI electronic componets MSC23V46457TD-XXBS16 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Semiconductor
MSC23V46457TD
Serial PD Matrix
Byte No.
Function described
SPD Value
(Hex)
Note
0
Number of Byte used
80
128 Bytes
1
Total SPD Memory size
08
256 Bytes
2
Memory type
02
EDO
3
Number of Rows
0B
11
4
Number of Columns
0B
11
5
Number of Banks
01
1
6
Module Data Width
40
64
7
Module Data Width Continued
00
0
8
Supply Voltage
01
LVTTL
-50
32
50ns
-60
3C
60ns
9
-70
/RAS Access Time
46
70ns
-50
0D
13ns
-60
0F
15ns
10
-70
/CAS Access Time
14
20ns
11
DIMM Configuration type
00
Non-Parity
12
Refresh Rate/Type
00
Normal Refresh
13
Primary DRAM Width
04
x4
14
Error Checking DRAM Width
00
15-61
Superset Information
00
Reserved
62
SPD Data Revision Code
01
1
-50
26
-60
32
63
-70
Checksum for Byte 0-62
41
64-127
Reserved
00
128-255
Unused Storage Location (Reserved)
FF


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn