Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSC23V26468TD-XXBS8 Datasheet(PDF) 2 Page - OKI electronic componets

Part No. MSC23V26468TD-XXBS8
Description  2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo OKI - OKI electronic componets

MSC23V26468TD-XXBS8 Datasheet(HTML) 2 Page - OKI electronic componets

  MSC23V26468TD-XXBS8 Datasheet HTML 1Page - OKI electronic componets MSC23V26468TD-XXBS8 Datasheet HTML 2Page - OKI electronic componets MSC23V26468TD-XXBS8 Datasheet HTML 3Page - OKI electronic componets MSC23V26468TD-XXBS8 Datasheet HTML 4Page - OKI electronic componets MSC23V26468TD-XXBS8 Datasheet HTML 5Page - OKI electronic componets MSC23V26468TD-XXBS8 Datasheet HTML 6Page - OKI electronic componets MSC23V26468TD-XXBS8 Datasheet HTML 7Page - OKI electronic componets MSC23V26468TD-XXBS8 Datasheet HTML 8Page - OKI electronic componets MSC23V26468TD-XXBS8 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Semiconductor
MSC23V26468TD
MODULE OUTLINE
1
84
36.83±0.05
127.35±0.05
133.35±0.7 *1
4.0Min.
4.00Max.
(Unit : mm)
MSC23V26468TD-xxBS8
2 - R2.0
2 -
φ3.0±0.1
1.27±0.1
54.61±0.05
A
B
C
131.35 TYP
133.35±0.12
R1.0
2.0±0.1
1.27±0.03
1.0±0.03
6.35±0.05
Detail A
2.0±0.1
6.35±0.05
Detail B
Detail C
4.175±0.13
3.175±0.13
R1.0
11.43±0.05
Note:
1. Tolerance over 19.78mm from bottom edge is ±0.7.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn