Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSC23V26407TD-XXBS8 Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSC23V26407TD-XXBS8
Description  2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC23V26407TD-XXBS8 Datasheet(HTML) 4 Page - OKI electronic componets

  MSC23V26407TD-XXBS8 Datasheet HTML 1Page - OKI electronic componets MSC23V26407TD-XXBS8 Datasheet HTML 2Page - OKI electronic componets MSC23V26407TD-XXBS8 Datasheet HTML 3Page - OKI electronic componets MSC23V26407TD-XXBS8 Datasheet HTML 4Page - OKI electronic componets MSC23V26407TD-XXBS8 Datasheet HTML 5Page - OKI electronic componets MSC23V26407TD-XXBS8 Datasheet HTML 6Page - OKI electronic componets MSC23V26407TD-XXBS8 Datasheet HTML 7Page - OKI electronic componets MSC23V26407TD-XXBS8 Datasheet HTML 8Page - OKI electronic componets MSC23V26407TD-XXBS8 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Semiconductor
MSC23V26407TD
Serial PD Matrix
Byte No.
Function described
SPD Value
(Hex)
Note
0
Number of Byte used
80
128 Bytes
1
Total SPD Memory size
08
256 Bytes
2
Memory type
01
Fast Page
3
Number of Rows
0B
11
4
Number of Columns
0A
10
5
Number of Banks
01
1
6
Module Data Width
40
64
7
Module Data Width Continued
00
0
8
Supply Voltage
01
LVTTL
-50
32
50ns
-60
3C
60ns
9
-70
/RAS Access Time
46
70ns
-50
0D
13ns
-60
0F
15ns
10
-70
/CAS Access Time
14
20ns
11
DIMM Configuration type
00
Non-Parity
12
Refresh Rate/Type
00
Normal Refresh
13
Primary DRAM Width
08
x8
14
Error Checking DRAM Width
00
15-61
Superset Information
00
Reserved
62
SPD Data Revision Code
01
1
-50
28
-60
34
63
-70
Checksum for Byte 0-62
43
64-127
Reserved
00
128-255
Unused Storage Location (Reserved)
FF


Similar Part No. - MSC23V26407TD-XXBS8

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23V26418TD OKI-MSC23V26418TD Datasheet
93Kb / 10P
   2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23V26418TD-50BS8 OKI-MSC23V26418TD-50BS8 Datasheet
93Kb / 10P
   2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23V26418TD-60BS8 OKI-MSC23V26418TD-60BS8 Datasheet
93Kb / 10P
   2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23V26418TD-70BS8 OKI-MSC23V26418TD-70BS8 Datasheet
93Kb / 10P
   2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23V26418TD-XXBS8 OKI-MSC23V26418TD-XXBS8 Datasheet
93Kb / 10P
   2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
More results

Similar Description - MSC23V26407TD-XXBS8

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23V26418TD-XXBS8 OKI-MSC23V26418TD-XXBS8 Datasheet
93Kb / 10P
   2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23CV26457D-XXBS8 OKI-MSC23CV26457D-XXBS8 Datasheet
92Kb / 10P
   2,097,152-word x 64-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V26457TD-XXBS8 OKI-MSC23V26457TD-XXBS8 Datasheet
93Kb / 10P
   2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V26468TD-XXBS8 OKI-MSC23V26468TD-XXBS8 Datasheet
93Kb / 10P
   2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23240D-XXBS20 OKI-MSC23240D-XXBS20 Datasheet
91Kb / 9P
   2,097,152-word x 40-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23B236D OKI-MSC23B236D Datasheet
46Kb / 9P
   2,097,152-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23CV23218D-XXBS4 OKI-MSC23CV23218D-XXBS4 Datasheet
79Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23B2321D OKI-MSC23B2321D Datasheet
43Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23V27207TD-XXBS9 OKI-MSC23V27207TD-XXBS9 Datasheet
92Kb / 10P
   2,097,152-Word x 72-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23232D-XXBS16 OKI-MSC23232D-XXBS16 Datasheet
82Kb / 9P
   2,097,152-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com