Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSC23Q43657D-XXBS9 Datasheet(PDF) 9 Page - OKI electronic componets

Part No. MSC23Q43657D-XXBS9
Description  4,194,304-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MSC23Q43657D-XXBS9 Datasheet(HTML) 9 Page - OKI electronic componets

   
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Semiconductor
MSC23Q43657D
9/9
Notes: 1. A start-up delay of 200
µs is required after power-up, followed by a minimum of eight initialization cycles
(/RAS only refresh or /CAS before /RAS refresh) before proper device operation is achieved.
2. The AC characteristics assumes tT = 2ns.
3. VIH(Min.) and VIL(Max.) are reference levels for measuring input timing signals. Transition times (tT) are
measured between VIH and VIL.
4. This parameter is measured with a load circuit equivalent to 2 TTL loads and 100pF.
5. Operation within the tRCD(Max.) limit ensures that tRAC(Max.) can be met.
tRCD(Max.) is specified as a reference point only. If tRCD is greater than the specified tRCD(Max.) limit, then
the access time is controlled by tCAC.
6. Operation within the tRAD(Max.) limit ensures that tRAC(Max.) can be met.
tRAD(Max.) is specified as a reference point only. If tRAD is greater than the specified tRAD(Max.) limit, then
the access time is controlled by tAA.
7. tCEZ(Max.), tREZ(Max.) and tWEZ(Max.) define the time at which the output achieves the open circuit
condition and is not referenced to output voltage levels.
8. tCEZ and tREZ must be satisfied for open circuit condition.
9. tRCH or tRRH must be satisfied for a read cycle.
10. The test mode is initiated by performing a /WE and /CAS before /RAS refresh cycle. This mode is
latched and remains in effect until the exit cycle is generated. The test mode specified in this data sheet
is a 4-bit parallel test function. CA0 and CA1 are not used. In a read cycle, if all internal bits are equal,
the DQ pin will indicate a high level. If any internal bits are not equal, the DQ pin will indicate a low level.
The test mode is cleared and the memory device returned to its normal operating state by a /RAS only
refresh or /CAS before /RAS refresh cycle.
11. In a test mode read cycle, the value of access time parameters is delayed for 5ns for the specified value.
These parameters should be specified in test mode cycle by adding the above value to the specified
value in this data sheet.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn