Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSC23Q43657D-XXBS9 Datasheet(PDF) 8 Page - OKI electronic componets

Part No. MSC23Q43657D-XXBS9
Description  4,194,304-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MSC23Q43657D-XXBS9 Datasheet(HTML) 8 Page - OKI electronic componets

   
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Semiconductor
MSC23Q43657D
8/9
AC Characteristics (2/2)
(VCC = 5V ±10%, Ta = 0°C to 70°C) Note: 1, 2, 3, 10, 11
-60
-70
Parameter
Symbol
Min.
Max.
Min.
Max.
Unit
Note
Write Command Set-up Time
tWCS
0
0
ns
Write Command Hold Time
tWCH
10
13
ns
Write Command Pulse Width
tWP
10
10
ns
/WE Pulse Width (DQ Disable)
tWPE
10
10
ns
Write Command to /RAS Lead Time
tRWL
10
13
ns
Write Command to /CAS Lead Time
tCWL
10
13
ns
Data-in Set-up Time
tDS
0
0
ns
Data-in Hold Time
tDH
10
13
ns
/CAS Active Delay Time from /RAS Precharge
tRPC
5
5
ns
/RAS to /CAS Set-up Time (/CAS before /RAS)
tCSR
5
5
ns
/RAS to /CAS Hold Time (/CAS before /RAS)
tCHR
10
10
ns
/WE to /RAS Precharge Time (/CAS before /RAS)
tWRP
10
10
ns
/WE Hold Time from /RAS (/CAS before /RAS)
tWRH
10
10
ns
/RAS to /WE Set-up Time (Test Mode)
tWTS
10
10
ns
/RAS to /WE Hold Time (Test Mode)
tWTH
10
10
ns


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn