Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSC23Q436D-XXBS9 Datasheet(PDF) 1 Page - OKI electronic componets

Part No. MSC23Q436D-XXBS9
Description  4,194,304-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo OKI - OKI electronic componets

MSC23Q436D-XXBS9 Datasheet(HTML) 1 Page - OKI electronic componets

  MSC23Q436D-XXBS9 Datasheet HTML 1Page - OKI electronic componets MSC23Q436D-XXBS9 Datasheet HTML 2Page - OKI electronic componets MSC23Q436D-XXBS9 Datasheet HTML 3Page - OKI electronic componets MSC23Q436D-XXBS9 Datasheet HTML 4Page - OKI electronic componets MSC23Q436D-XXBS9 Datasheet HTML 5Page - OKI electronic componets MSC23Q436D-XXBS9 Datasheet HTML 6Page - OKI electronic componets MSC23Q436D-XXBS9 Datasheet HTML 7Page - OKI electronic componets MSC23Q436D-XXBS9 Datasheet HTML 8Page - OKI electronic componets MSC23Q436D-XXBS9 Datasheet HTML 9Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Semiconductor
This version: Mar. 6. 2000
MSC23Q436D-xxBS9/DS9
4,194,304-word x 36-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
1/9
DESCRIPTION
The MSC23Q436D-xxBS9/DS9 is a 4,194,304-word x 36-bit CMOS dynamic random access memory module which
is composed of eight 16Mb DRAMs (4Mx4) in SOJ packages and one 16Mb DRAM (4/CAS 4Mx4) in SOJ package
mounted with nine decoupling capacitors. This is a 72-pin single in-line memory module. This module supports any
application where high density and large capacity of storage memory are required.
FEATURES
• 4,194,304-word x 36-bit organization
• 72-pin Single In-Line Memory Module
MSC23Q436D-xxBS9 : Gold tab
MSC23Q436D-xxDS9 : Solder tab
• Single 5V power supply, ±10% tolerance
• Input
: TTL compatible
• Output
: TTL compatible, 3-state
• Refresh : 2048cycles/32ms
• Fast page mode capability
• /CAS before /RAS refresh, hidden refresh, /RAS only refresh capability
• Multi-bit test mode capability
PRODUCT FAMILY
Access Time (Max.)
Power Dissipation (Max.)
Family
tRAC
tAA
tCAC
Cycle Time
(Min.)
Operating
Standby
MSC23Q436D-60BS9/DS9
60ns
30ns
15ns
110ns
4455mW
MSC23Q436D-70BS9/DS9
70ns
35ns
20ns
130ns
4208mW
49.5mW


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn