![]() |
Electronic Components Datasheet Search |
|
MSC23CV43257D-XXBS8 Datasheet(PDF) 6 Page - OKI electronic componets |
|
MSC23CV43257D-XXBS8 Datasheet(HTML) 6 Page - OKI electronic componets |
6 / 9 page ![]() Semiconductor MSC23CV43257D DC Characteristics (VCC = 3.3V ± 0.3V, Ta = 0°C to +70°C ) -60 -70 Parameter Symbol Condition Min. Max. Min. Max. Unit Note Input Leakage Current ILI 0V ≤ VIN ≤ VCC+0.3V; All other pins not under test = 0V -80 80 -80 80 µA Output Leakage Current ILO DQ disable 0V ≤ VOUT ≤ VCC -10 10 -10 10 µA Output High Voltage VOH IOH = -2.0mA 2.4 VCC 2.4 VCC V Output Low Voltage VOL IOL = 2.0mA 0 0.4 0 0.4 V Average Power Supply Current (Operating) ICC1 /RAS, /CAS cycling, tRC = Min. - 720 - 640 mA 1, 2 /RAS, /CAS = VIH -16 - 16 mA 1 Power supply current (Standby) ICC2 /RAS, /CAS ≥ VCC -0.2V -4 -4 mA 1 Average Power Supply Current (/RAS only refresh) ICC3 /RAS cycling, /CAS = VIH, tRC = Min. - 720 - 640 mA 1, 2 Average Power Supply Current (/CAS before /RAS refresh) ICC6 /RAS cycling, /CAS before /RAS - 720 - 640 mA 1, 2 Average Power Supply Current (Fast Page Mode) ICC7 /RAS = VIL, /CAS cycling, tHPC = Min. - 720 - 640 mA 1, 3 Notes: 1. ICC Max. is specified as ICC for output open condition. 2. The address can be changed once or less while /RAS = VIL. 3. The address can be changed once or less while /CAS = VIH. |