Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSC23CV43257D-XXBS8 Datasheet(PDF) 5 Page - OKI electronic componets

Part No. MSC23CV43257D-XXBS8
Description  4,194,304-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC23CV43257D-XXBS8 Datasheet(HTML) 5 Page - OKI electronic componets

  MSC23CV43257D-XXBS8 Datasheet HTML 1Page - OKI electronic componets MSC23CV43257D-XXBS8 Datasheet HTML 2Page - OKI electronic componets MSC23CV43257D-XXBS8 Datasheet HTML 3Page - OKI electronic componets MSC23CV43257D-XXBS8 Datasheet HTML 4Page - OKI electronic componets MSC23CV43257D-XXBS8 Datasheet HTML 5Page - OKI electronic componets MSC23CV43257D-XXBS8 Datasheet HTML 6Page - OKI electronic componets MSC23CV43257D-XXBS8 Datasheet HTML 7Page - OKI electronic componets MSC23CV43257D-XXBS8 Datasheet HTML 8Page - OKI electronic componets MSC23CV43257D-XXBS8 Datasheet HTML 9Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Semiconductor
MSC23CV43257D
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Voltage on Any Pin Relative to VSS
VIN, VOUT
-0.5 to +4.6
V
Voltage on VCC Supply Relative to VSS
VCC
-0.5 to +4.6
V
Short Circuit Output Current
IOS
50
mA
Power Dissipation
PD *8
W
Operating Temperature
TOPR
0 to +70
°C
Storage Temperature
TSTG
-40 to +125
°C
* Ta = 25°C
Recommended Operating Conditions
( Ta = 0°C to +70°C )
Parameter
Symbol
Min.
Typ.
Max.
Unit
VCC
3.0
3.3
3.6
V
Power Supply Voltage
VSS
000
V
Input High Voltage
VIH
2.0
-
VCC+0.3
V
Input Low Voltage
VIL
-0.3
-
0.8
V
Capacitance
( VCC = 3.3V ± 0.3V, Ta = 25°C, f = 1 MHz )
Parameter
Symbol
Typ.
Max.
Unit
Input Capacitance (A0 - A10)
CIN1
-57
pF
Input Capacitance (/WE)
CIN2
-65
pF
Input Capacitance (/RAS0, /RAS2)
CIN3
-35
pF
Input Capacitance (/CAS0- /CAS3)
CIN4
-20
pF
I/O Capacitance (DQ0 - DQ31)
CDQ
-16
pF


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn