Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSC23CV432D-XXBS8 Datasheet(PDF) 6 Page - OKI electronic componets

Part No. MSC23CV432D-XXBS8
Description  4,194,304-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC23CV432D-XXBS8 Datasheet(HTML) 6 Page - OKI electronic componets

  MSC23CV432D-XXBS8 Datasheet HTML 1Page - OKI electronic componets MSC23CV432D-XXBS8 Datasheet HTML 2Page - OKI electronic componets MSC23CV432D-XXBS8 Datasheet HTML 3Page - OKI electronic componets MSC23CV432D-XXBS8 Datasheet HTML 4Page - OKI electronic componets MSC23CV432D-XXBS8 Datasheet HTML 5Page - OKI electronic componets MSC23CV432D-XXBS8 Datasheet HTML 6Page - OKI electronic componets MSC23CV432D-XXBS8 Datasheet HTML 7Page - OKI electronic componets MSC23CV432D-XXBS8 Datasheet HTML 8Page - OKI electronic componets MSC23CV432D-XXBS8 Datasheet HTML 9Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Semiconductor
MSC23CV432D
DC Characteristics
(VCC = 3.3V ± 0.3V, Ta = 0°C to +70°C )
-60
-70
Parameter
Symbol
Condition
Min.
Max.
Min.
Max.
Unit
Note
Input Leakage Current
ILI
0V
≤ VIN ≤ VCC+0.3V;
All other pins not
under test = 0V
-80
80
-80
80
µA
Output Leakage Current
ILO
DQ disable
0V
≤ VOUT ≤ VCC
-10
10
-10
10
µA
Output High Voltage
VOH
IOH = -2.0mA
2.4
VCC
2.4
VCC
V
Output Low Voltage
VOL
IOL = 2.0mA
0
0.4
0
0.4
V
Average Power
Supply Current
(Operating)
ICC1
/RAS, /CAS cycling,
tRC = Min.
-
720
-
640
mA
1, 2
/RAS, /CAS = VIH
-16
-
16
mA
1
Power supply current
(Standby)
ICC2
/RAS, /CAS
≥ VCC -0.2V
-4
-4
mA
1
Average Power
Supply Current
(/RAS only refresh)
ICC3
/RAS cycling,
/CAS = VIH,
tRC = Min.
-
720
-
640
mA
1, 2
Average Power
Supply Current
(/CAS before /RAS refresh)
ICC6
/RAS cycling,
/CAS before /RAS
-
720
-
640
mA
1, 2
Average Power
Supply Current
(Fast Page Mode)
ICC7
/RAS = VIL,
/CAS cycling,
tPC = Min.
-
560
-
520
mA
1, 3
Notes: 1. ICC Max. is specified as ICC for output open condition.
2. The address can be changed once or less while /RAS = VIL.
3. The address can be changed once or less while /CAS = VIH.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn