Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1305E Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # DS1305E
Description  Serial Alarm Real-Time Clock
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1305E Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button DS1305E Datasheet HTML 14Page - Maxim Integrated Products DS1305E Datasheet HTML 15Page - Maxim Integrated Products DS1305E Datasheet HTML 16Page - Maxim Integrated Products DS1305E Datasheet HTML 17Page - Maxim Integrated Products DS1305E Datasheet HTML 18Page - Maxim Integrated Products DS1305E Datasheet HTML 19Page - Maxim Integrated Products DS1305E Datasheet HTML 20Page - Maxim Integrated Products DS1305E Datasheet HTML 21Page - Maxim Integrated Products DS1305E Datasheet HTML 22Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
DS1305
SPI AC ELECTRICAL CHARACTERISTICS
(Over the operating range, unless otherwise specified.) (Figure 12 and Figure 13)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Data to CLK Setup
tDC
VCC = 2.0V
200
ns
5,6
VCC = 5V
50
CLK to Data Hold
tCDH
VCC = 2.0V
280
ns
5,6
VCC = 5V
70
CLK to Data Delay
tCDD
VCC = 2.0V
800
ns
5,6,7
VCC = 5V
200
CLK Low Time
tCL
VCC = 2.0V
1000
ns
6
VCC = 5V
250
CLK High Time
tCH
VCC = 2.0V
1000
ns
6
VCC = 5V
250
CLK Frequency
tCLK
VCC = 2.0V
0.6
MHz
6
VCC = 5V
DC
2.0
CLK Rise and Fall
tR, tF
VCC = 2.0V
2000
ns
VCC = 5V
500
CE to CLK Setup
tCC
VCC = 2.0V
4
μs
6
VCC = 5V
1
CLK to CE Hold
tCCH
VCC = 2.0V
240
ns
6
VCC = 5V
60
CE Inactive Time
tCWH
VCC = 2.0V
4
μs
6
VCC = 5V
1
CE to Output High-Z
tCDZ
VCC = 2.0V
280
ns
5,6
VCC = 5V
70
19 of 22


Similar Part No. - DS1305E

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1305E DALLAS-DS1305E Datasheet
257Kb / 22P
   Serial Alarm Real Time Clock RTC
DS1305E DALLAS-DS1305E Datasheet
487Kb / 21P
   Serial Alarm Real-Time Clock
logo
Maxim Integrated Produc...
DS1305E MAXIM-DS1305E Datasheet
315Kb / 22P
   Serial Alarm Real-Time Clock
Rev 12/09
logo
Dallas Semiconductor
DS1305E++ DALLAS-DS1305E+ Datasheet
487Kb / 21P
   Serial Alarm Real-Time Clock
logo
Maxim Integrated Produc...
DS1305E++ MAXIM-DS1305E+ Datasheet
315Kb / 22P
   Serial Alarm Real-Time Clock
Rev 12/09
More results

Similar Description - DS1305E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1306 MAXIM-DS1306 Datasheet
324Kb / 22P
   Serial Alarm Real-Time Clock
Rev 12/09
DS1306 MAXIM-DS1306_V01 Datasheet
377Kb / 22P
   Serial Alarm Real-Time Clock
19-5056; Rev 4 / 1 5
logo
Renesas Technology Corp
IDT5P90011C RENESAS-IDT5P90011C Datasheet
1,007Kb / 26P
   Serial Alarm Real-Time Clock
2019
logo
Dallas Semiconductor
DS1305 DALLAS-DS1305_05 Datasheet
487Kb / 21P
   Serial Alarm Real-Time Clock
DS1306 DALLAS-DS1306_05 Datasheet
553Kb / 21P
   Serial Alarm Real-Time Clock
logo
Maxim Integrated Produc...
DS1305 MAXIM-DS1305 Datasheet
315Kb / 22P
   Serial Alarm Real-Time Clock
Rev 12/09
logo
Dallas Semiconductor
DS1306 DALLAS-DS1306 Datasheet
277Kb / 20P
   Serial Alarm Real Time Clock RTC
DS1305 DALLAS-DS1305 Datasheet
257Kb / 22P
   Serial Alarm Real Time Clock RTC
logo
STMicroelectronics
M41T80 STMICROELECTRONICS-M41T80_11 Datasheet
440Kb / 27P
   Serial access real-time clock with alarm
M41T81 STMICROELECTRONICS-M41T81_06 Datasheet
301Kb / 30P
   Serial access Real-Time Clock with alarm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com