Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1100L Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS1100L
Description  3.3V 5-Tap Economy Timing Element (Delay Line)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1100L Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS1100L_V01 Datasheet HTML 1Page - Maxim Integrated Products DS1100L_V01 Datasheet HTML 2Page - Maxim Integrated Products DS1100L_V01 Datasheet HTML 3Page - Maxim Integrated Products DS1100L_V01 Datasheet HTML 4Page - Maxim Integrated Products DS1100L_V01 Datasheet HTML 5Page - Maxim Integrated Products DS1100L_V01 Datasheet HTML 6Page - Maxim Integrated Products DS1100L_V01 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DS1100L
2 of 7
ABSOLUTE MAXIMUM RATINGS
Voltage Range on Any Pin Relative to Ground ...........................................-0.5V to +6.0V
Short-Circuit Output Current............................................................................ 50mA for 1s
Continuous Power Dissipation (TA = +70°C)
SO (derate 5.9mW/°C above +70°C) ................................................................ 470.6mW
µ
MAX (derate 4.5mW/°C above +70°C .............................................................. 362mW
Operating Temperature Range .................................................................... -40°C to +85°C
Storage Temperature Range ...................................................................... -55°C to +125°C
Lead Temperature (soldering, 10s)...........................................................................+300°C
Soldering Temperature (reflow)
Lead(Pb)-free ........................................................................................................+260°C
Containing lead(Pb)...............................................................................................+240°C
This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operation sections of
this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect device reliability.
DC ELECTRICAL CHARACTERISTICS
(VCC = 3.0V to 3.6V; TA = -40°C to +85°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
Supply Voltage
VCC
3.0
3.3
3.6
V
5
High-Level
Input Voltage
VIH
2.0
VCC +
0.3
V
5
Low-Level
Input Voltage
VIL
-0.3
0.8
V
5
Input-Leakage
Current
II
0.0V ≤ VI ≤ VCC
-1.0
+1.0
μA
Active Current
ICC
VCC = Max; Freq. = 1MHz
10
mA
6, 8
High-Level
Output Current
IOH
VCC = Min. VOH = 2.3
-1
mA
Low-Level
Output Current
IOL
VCC = Min. VOL = 0.5
8
mA
AC ELECTRICAL CHARACTERISTICS
(VCC = 3.0V to 3.6V; TA = -40°C to +85°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
Input
Pulse Width
tWI
20% of
Tap 5
tPLH
ns
9
Input-to-Tap
Delay Tolerance
(Delays ≤ 40ns)
tPLH,
tPHL
+25°C 3.3V
-2
Table 1
+2
ns
1, 3, 4,
7, 10
0°C to +70°C
-3
Table 1
+3
ns
1, 2, 3,
4, 7, 10
-40°C to +85°C
-4
Table 1
+4
ns
1, 2, 3,
4, 7, 10
Input-to-Tap
Delay Tolerance
(Delays > 40ns)
tPLH,
tPHL
+25°C 3.3V
-5
Table 1
+5
%
1, 3, 4,
7, 10
0°C to +70°C
-8
Table 1
+8
%
1, 2, 3,
4, 7, 10
-40°C to +85°C
-13
Table 1
+13
%
1, 2, 3,
4, 7, 10
Output Rise or Fall
Time
tOF, tOR
2.0
2.5
ns
Power-Up Time
tPU
200
μs
Input Period
Period
2(tWI)
ns
9


Similar Part No. - DS1100L_V01

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1100L-100 DALLAS-DS1100L-100 Datasheet
156Kb / 6P
   3.3V 5-Tap Economy Timing Element Delay Line
DS1100L-125 DALLAS-DS1100L-125 Datasheet
156Kb / 6P
   3.3V 5-Tap Economy Timing Element Delay Line
DS1100L-150 DALLAS-DS1100L-150 Datasheet
156Kb / 6P
   3.3V 5-Tap Economy Timing Element Delay Line
DS1100L-175 DALLAS-DS1100L-175 Datasheet
156Kb / 6P
   3.3V 5-Tap Economy Timing Element Delay Line
DS1100L-20 DALLAS-DS1100L-20 Datasheet
156Kb / 6P
   3.3V 5-Tap Economy Timing Element Delay Line
More results

Similar Description - DS1100L_V01

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1100L_1110 MAXIM-DS1100L_1110 Datasheet
138Kb / 7P
   3.3V 5-Tap Economy Timing Element (Delay Line)
Rev 10/11
logo
Dallas Semiconductor
DS1100L DALLAS-DS1100L Datasheet
156Kb / 6P
   3.3V 5-Tap Economy Timing Element Delay Line
DS1100 DALLAS-DS1100 Datasheet
154Kb / 6P
   5-Tap Economy Timing Element Delay Line
logo
Maxim Integrated Produc...
DS1100L MAXIM-DS1100L_11 Datasheet
136Kb / 6P
   3.3V 5-Tap Economy Timing Element (Delay Line) Low-Power CMOS
Rev 3/11
DS1100 MAXIM-DS1100_11 Datasheet
136Kb / 6P
   5-Tap Economy Timing Element (Delay Line) All-Silicon Timing Circuit
Rev 3/11
logo
List of Unclassifed Man...
3D3215 ETC1-3D3215 Datasheet
43Kb / 4P
   MONOLITHIC 5-TAP 3.3V FIXED DELAY LINE
logo
Data Delay Devices, Inc...
DDU8C3 DATADELAY-DDU8C3 Datasheet
45Kb / 4P
   5-TAP, 3.3V CMOS-INTERFACED FIXED DELAY LINE
3D3215 DATADELAY-3D3215 Datasheet
277Kb / 4P
   MONOLITHIC 5-TAP 3.3V FIXED DELAY LINE (SERIES 3D3215)
logo
Maxim Integrated Produc...
MXD1005 MAXIM-MXD1005 Datasheet
89Kb / 8P
   5-Tap Silicon Delay Line
19-1309; Rev 0; 10/97
logo
Dallas Semiconductor
DS1005 DALLAS-DS1005 Datasheet
62Kb / 6P
   5-Tap Silicon Delay Line
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com