Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


UT54ACS132 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. UT54ACS132
Description  Radiation-Hardened Quadruple 2-Input NAND Schmitt Triggers
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 3 page
background image
69
RadHard MSI Logic
UT54ACS132/UT54ACTS132
DC ELECTRICAL CHARACTERISTICS
7
(VDD = 5.0V 10%; VSS = 0V
6, -55 C < T
C < +125 C)
SYMBOL
PARAMETER
CONDITION
MIN
MAX
UNIT
VT+
Schmitt Trigger, positive going
1 threshold
ACTS
ACS
2.25
.7VDD
V
VT-
Schmitt Trigger, negative going
1 threshold
ACTS
ACS
0.5
.3VDD
V
VH
Schmitt Trigger, typical range of hysteresis
2
ACTS
ACS
0.3
0.6
0.9
1.5
V
IIN
Input leakage current
ACTS/ACS
VIN = VDD or VSS
-1
1
A
VOL
Low-level output voltage
3
ACTS
ACS
IOL = 8.0mA
IOL = 100 A
0.40
0.25
V
VOH
High-level output voltage
3
ACTS
ACS
IOH = -8.0mA
IOH = -100 A
.7VDD
VDD - 0.25
V
IOS
Short-circuit output current 2 ,4
ACTS/ACS
VO = VDD and VSS
-200
200
mA
IOL
Output current
10
(Sink)
VIN = VDD or VSS
VOL = 0.4V
8
mA
IOH
Output current10
(Source)
VIN = VDD or VSS
VOH = VDD - 0.4V
-8
mA
Ptotal
Power dissipation
2, 8, 9
CL = 50pF
1.9
mW/
MHz
IDDQ
Quiescent Supply Current
VDD = 5.5V
10
A
IDDQ
Quiescent Supply Current Delta
ACTS
For input under test
VIN = VDD - 2.1V
For all other inputs
VIN = VDD or VSS
VDD = 5.5V
3.1
mA
CIN
Input capacitance
5
= 1MHz @ 0V
15
pF
COUT
Output capacitance
5
= 1MHz @ 0V
15
pF




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CD4093BCMOS QUAD 2-INPUT NAND SCHMITT TRIGGERS 1 2 3 4 5 MoreTI store
HEF4093BQuadruple 2-input NAND Schmitt trigger 1 2 3 4 5 MoreNXP Semiconductors
HD74HC132Quad. 2-input NAND Schmitt Triggers 1 2 3 4 5 MoreHitachi Semiconductor
HD14093BQuadruple 2-input NAND Schmitt Trigger 1 2 3 4 5 MoreHitachi Semiconductor
TC4093BPQUAD 2-INPUT NAND SCHMITT TRIGGERS 1 2 3 4 5 Toshiba Semiconductor
SL4093BQuad 2-Input NAND Schmitt Triggers 1 2 3 4 5 System Logic Semiconductor
CD4093BMSCMOS Quad 2-Input NAND Schmitt Triggers 1 2 3 4 5 MoreIntersil Corporation
SN54132QUADRUPLE 2-INPUT POSITIVE-NAND SCHMITT TRIGGERS 1 2 3 4 5 MoreTI store
IW4093BQuad 2-Input NAND Schmitt Triggers High-Voltage Silicon-Gate CMOS 1 2 3 4 5 Integral Corp.
MC14093BQuad 2-Input NAND Schmitt Trigger 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl