Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SH7042A Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # SH7042A
Description  Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
Download  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7042A Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button SH7042A Datasheet HTML 4Page - Renesas Technology Corp SH7042A Datasheet HTML 5Page - Renesas Technology Corp SH7042A Datasheet HTML 6Page - Renesas Technology Corp SH7042A Datasheet HTML 7Page - Renesas Technology Corp SH7042A Datasheet HTML 8Page - Renesas Technology Corp SH7042A Datasheet HTML 9Page - Renesas Technology Corp SH7042A Datasheet HTML 10Page - Renesas Technology Corp SH7042A Datasheet HTML 11Page - Renesas Technology Corp SH7042A Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 923 page
background image
Section
Page
Description
11.2.3 DMA
Transfer Count
Registers 0–3
(DMATCR0–
DMATCR3)
220
Description amended
The data for the upper 8 bits of a DMATCR is 0
when read.
11.2.4 DMA
Channel Control
Registers 0–3
(CHCR0–CHCR3)
221
Description amended
• Bits 31–21—Reserved bits: Data are 0
when read. The write
value always be 0.
224
Description amended
• Bit 7—Reserved bits: Data is 0
when read. The write value
always be 0.
11.2.5 DMAC
Operation Register
(DMAOR)
226
Description amended
• Bits 15–10—Reserved bits: Data are 0
when read. The write
value always be 0.
227
Description amended
• Bits 7–3—Reserved bits: Data are 0
when read. The write
value always be 0.
11.3.3 Channel
Priority
Figure 11.3 Round
Robin Mode
233
Figure amended
Channel 0 is given the lowest
priority.
12.4.5 Cascade
Connection Mode
Figure 12.23
Cascade Connection
Operation Example
(Phase Counting
Mode)
337
Figure amended
TCLKC
TCLKD
12.4.9
Complementary
PWM Mode
Figure 12.55
Example of Output
Phase Switching by
External Input (1)
373
Figure amended
When BDC = 1, N = 0, P = 0, FB = 0, output active level = high


Similar Part No. - SH7042A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SH7042 RENESAS-SH7042 Datasheet
4Mb / 925P
   Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7040 Series
More results

Similar Description - SH7042A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD64F7045F28V RENESAS-HD64F7045F28V Datasheet
4Mb / 925P
   Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7040 Series
DF70854AD80FPV RENESAS-DF70854AD80FPV Datasheet
9Mb / 1622P
   Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family
SH7080 RENESAS-SH7080_09 Datasheet
9Mb / 1622P
   Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family
SH7125 RENESAS-SH7125_08 Datasheet
4Mb / 774P
   Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family
SH-2A RENESAS-SH-2A Datasheet
3Mb / 501P
   Renesas 32-Bit RISC Microcomputer SuperH™ RISC engine Family
DF7055SF40KNV RENESAS-DF7055SF40KNV Datasheet
4Mb / 1004P
   Renesas 32-bit RISC Microcomputer SuperH RISC engine Family/SH7000 Series
R4S76410 RENESAS-R4S76410 Datasheet
4Mb / 1040P
   Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family / SH7641 Series
HD6417705 RENESAS-HD6417705 Datasheet
4Mb / 739P
   Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
HD6417750RF240DV RENESAS-HD6417750RF240DV Datasheet
6Mb / 1132P
   Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family / SH7750 Series
SH7641 RENESAS-SH7641 Datasheet
4Mb / 1036P
   Renesas 32-Bit RISC Microcomputer SuperH??RISC engine Family / SH7641 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com