Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP7641 Datasheet(PDF) 23 Page - Exar Corporation

Part # MP7641
Description  8-Channel Voltage Output 10 MHz Input Bandwidth 8-Bit Multiplying DACs with Serial Digital Port
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7641 Datasheet(HTML) 23 Page - Exar Corporation

Back Button MP7641 Datasheet HTML 16Page - Exar Corporation MP7641 Datasheet HTML 17Page - Exar Corporation MP7641 Datasheet HTML 18Page - Exar Corporation MP7641 Datasheet HTML 19Page - Exar Corporation MP7641 Datasheet HTML 20Page - Exar Corporation MP7641 Datasheet HTML 21Page - Exar Corporation MP7641 Datasheet HTML 22Page - Exar Corporation MP7641 Datasheet HTML 23Page - Exar Corporation MP7641 Datasheet HTML 24Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
MP7641
23
Rev. 2.00
Notes


Similar Part No. - MP7641

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP7643 EXAR-MP7643 Datasheet
131Kb / 12P
   4-Channel, Programmable Gain Voltage Output, 15 MHz Input Bandwidth 8-Bit DACs with Multiplying Parallel Digital Data Port
MP7643AN EXAR-MP7643AN Datasheet
131Kb / 12P
   4-Channel, Programmable Gain Voltage Output, 15 MHz Input Bandwidth 8-Bit DACs with Multiplying Parallel Digital Data Port
MP7643AS EXAR-MP7643AS Datasheet
131Kb / 12P
   4-Channel, Programmable Gain Voltage Output, 15 MHz Input Bandwidth 8-Bit DACs with Multiplying Parallel Digital Data Port
More results

Similar Description - MP7641

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP7651 EXAR-MP7651 Datasheet
225Kb / 20P
   8-Channel, Voltage Output 10 MHz Input Bandwidth 8-Bit Multiplying DACs with Serial Digital Data Port and Chip Select Decoder
MP7652 EXAR-MP7652 Datasheet
179Kb / 16P
   4-Channel Voltage Output 15 MHz, Input Bandwidth, 8-Bit Multiplying DACs with 3-Wire Serial Digital Port and Independent References
MP7643 EXAR-MP7643 Datasheet
131Kb / 12P
   4-Channel, Programmable Gain Voltage Output, 15 MHz Input Bandwidth 8-Bit DACs with Multiplying Parallel Digital Data Port
logo
Analog Devices
AD5426 AD-AD5426 Datasheet
553Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
AD5432 AD-AD5432_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5443 AD-AD5443_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426_13 Datasheet
754Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
logo
Exar Corporation
MP8840 EXAR-MP8840 Datasheet
813Kb / 16P
   8 CHANNEL VOLTAGE OUTPUT 2 MHZ 4 QUADRANT MULTIPLYING 8 BIT DAC WITH SERIAL DIGITAL DATA PORT
logo
Analog Devices
AD5452 AD-AD5452_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com