Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V73250 Datasheet(PDF) 15 Page - Integrated Device Technology

Part # IDT72V73250
Description  3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 8,192 x 8,192
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V73250 Datasheet(HTML) 15 Page - Integrated Device Technology

Back Button IDT72V73250 Datasheet HTML 11Page - Integrated Device Technology IDT72V73250 Datasheet HTML 12Page - Integrated Device Technology IDT72V73250 Datasheet HTML 13Page - Integrated Device Technology IDT72V73250 Datasheet HTML 14Page - Integrated Device Technology IDT72V73250 Datasheet HTML 15Page - Integrated Device Technology IDT72V73250 Datasheet HTML 16Page - Integrated Device Technology IDT72V73250 Datasheet HTML 17Page - Integrated Device Technology IDT72V73250 Datasheet HTML 18Page - Integrated Device Technology IDT72V73250 Datasheet HTML 19Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
15
INDUSTRIAL TEMPERATURERANGE
IDT72V73250 3.3V TIME SLOT INTERCHANGE
DIGITAL SWITCH 8,192 x 8,192
Symbol
Parameter
Min.
Typ.
Max.
Units
ICC (2)
Supply Current
@32.768 Mb/s
_
_
160
mA
IIL(3,4)
InputLeakage(inputpins)
-
-
60
µA
IOZ(3,4)
High-impedanceLeakage
-
-
60
µA
VOH(5)
Output HIGH Voltage
2.4
-
-
V
VOL(6)
Output LOW Voltage
-
-
0.4
V
DC ELECTRICAL CHARACTERISTICS
NOTES:
1. Voltages are with respect to ground (GND) unless otherwise stated.
2. Outputs unloaded.
3. 0
≤ V ≤ VCC.
4. Maximum leakage on pins (output or I/O pins in high-impedance state) is over an applied voltage (V).
5. IOH = 10 mA.
6. IOL = 10 mA.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
-0.5
+4.0
V
Vi
Voltage on Digital Inputs
GND -0.3
VCC +0.3
V
IO
Current at Digital Outputs
-50
50
mA
TS
StorageTemperature
-55
+125
° C
PD
Package Power Dissapation
2W
NOTE:
1. Exceeding these values may cause permanent damage. Functional operation under
these conditions is not implied.
ABSOLUTE MAXIMUM RATINGS(1)
RECOMMENDED OPERATING
CONDITIONS(1)
NOTE:
1. Voltages are with respect to Ground unless otherwise stated.
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Positive Supply
3.0
3.3
3.6
V
VIH
Input HIGH Voltage
2.0
VCC
V
VIL
Input LOW Voltage
-0.3
0.8
V
TOP
OperatingTemperature
-40
25
+85
°C
Industrial


Similar Part No. - IDT72V73250

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V73250 RENESAS-IDT72V73250 Datasheet
420Kb / 25P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 8,192 x 8,192
JUNE 2004
IDT72V73250BBG RENESAS-IDT72V73250BBG Datasheet
420Kb / 25P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 8,192 x 8,192
JUNE 2004
IDT72V73250DAG RENESAS-IDT72V73250DAG Datasheet
420Kb / 25P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 8,192 x 8,192
JUNE 2004
More results

Similar Description - IDT72V73250

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V71650 RENESAS-IDT72V71650 Datasheet
460Kb / 29P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 8,192 x 8,192
JUNE 2004
IDT72V73250 RENESAS-IDT72V73250 Datasheet
420Kb / 25P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 8,192 x 8,192
JUNE 2004
IDT72V70200 RENESAS-IDT72V70200 Datasheet
503Kb / 25P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
AUGUST 2001
logo
Integrated Device Techn...
IDT72V90823 IDT-IDT72V90823 Datasheet
180Kb / 27P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
IDT72V70840 IDT-IDT72V70840 Datasheet
132Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
logo
Renesas Technology Corp
IDT72V70190 RENESAS-IDT72V70190 Datasheet
463Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
DECEMBER 2004
IDT72V70180 RENESAS-IDT72V70180 Datasheet
425Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
MARCH 2003
IDT72V73260 RENESAS-IDT72V73260 Datasheet
311Kb / 27P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 16,384 X 16,384
JUNE 2004
logo
Integrated Device Techn...
IDT72V70190 IDT-IDT72V70190 Datasheet
145Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
IDT72V70840 IDT-IDT72V70840_08 Datasheet
163Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 4,096 x 4,096
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com