Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

630D104 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 630D104
Description  Aluminum Capacitors Electrolytics
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

630D104 Datasheet(HTML) 1 Page - Vishay Siliconix

  630D104 Datasheet HTML 1Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Document Number: 42043
Revision 17-Feb-03
www.vishay.com
124
630D Extralytic
®
Vishay Sprague
Aluminum Capacitors
Electrolytics
FEATURES
• Designed for use in critical long-interval timing circuits
• Exceptionally high capacitance stability
• Excellent shelf and life characteristics
• All terminal connections welded, eliminating possibility of
"open" or intermittent contacts encountered in pressure
connections
• Outer plastic-film insulation and polymer-coated end
seals eliminate possible problems with solvent cleaning
• Standard inventoried product
• Sizes subject to change without notice
PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55
°C to + 125°C.
Capacitance Tolerance:
± 10%.
Leakage Current: Maximum DC leakage current at + 25
°C:
10
µF capacitors, 1µA; 25µF capacitors, 1.2µA;
50
µF capacitors, 1.5µA; 100µF capacitors, 2µA;
250
µF capacitors, 3µA; 500µF capacitors, 5µA.
Equivalent Series Resistance: .3 ohm to 13.3 ohm maximum
at 120Hz and + 25
°C.
Life Validation Test: Capacitors are capable of withstanding
a 2000 hour life test at rated voltage and + 85
°C. After test,
capacitance value shall not be changed by more than
± 20%,
the equivalent series resistance shall not exceed 150% of
initial requirement and the leakage current shall not have
exceeded initial requirement.
Shelf Test: After storage for 500 hours at + 85
°C with no
voltage applied, the capacitance and equivalent series
resistance shall meet initial requirements and the DC leakage
current shall not exceed 300% of the initial requirements.
CAPACITANCE VS TEMPERATURE
D
L
1.25 [31.75]
Min.
1.25 [31.75]
Min.
Polymer-Coated
End Seal
Tinned Copper Leads
0.032" [.813] Dia.
(No. 20 AWG)
WVDC
25
25
25
25
25
25
PART NUMBER
630D100
630D101
630D102
630D103
630D104
630D105
CAPACITANCE
(
µF)
10
25
50
100
250
500
1.10
1.05
1.00
0.95
0.90
- 55 - 50
- 25
0
+ 25
+ 50
+ 75
+ 100
+125
TEMPERATURE IN DEG. CENTIGRADE
Typical
STANDARD RATINGS AND DIMENSIONS in inches [millimeters]
D x L
0.270 x 0.812 [6.858 x 20.625]
0.332 x 0.812 [8.433 x 20.625]
0.332 x 0.937 [8.433 x 23.800]
0.395 x 1.062 [10.033 x 26.975]
0.395 x 1.625 [10.033 x 41.275]
0.505 x 1.875 [12.827 x 47.625]


Similar Part No. - 630D104

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
630D ETC2-630D Datasheet
155Kb / 1P
   PULSE TRANSFORMERS
logo
Vishay Siliconix
630D VISHAY-630D Datasheet
129Kb / 3P
   Aluminum Capacitors 125 °C, Miniature, Axial Lead
Revision: 22-Jul-08
630D VISHAY-630D Datasheet
67Kb / 3P
   Aluminum Capacitors 125 °C, Miniature, Axial Lead
Revision: 24-Apr-13
630D VISHAY-630D_08 Datasheet
129Kb / 3P
   Aluminum Capacitors 125 °C, Miniature, Axial Lead
Revision: 22-Jul-08
630D VISHAY-630D_13 Datasheet
67Kb / 3P
   Aluminum Capacitors 125 °C, Miniature, Axial Lead
Revision: 24-Apr-13
More results

Similar Description - 630D104

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TE1207 VISHAY-TE1207 Datasheet
76Kb / 5P
   Aluminum Capacitors Little-Lytic Electrolytics
Revision: 28-Aug-12
TE1305 VISHAY-TE1305 Datasheet
77Kb / 5P
   Aluminum Capacitors Little-Lytic Electrolytics
Revision: 06-Dec-13
TE VISHAY-TE_12 Datasheet
76Kb / 5P
   Aluminum Capacitors Little-Lytic Electrolytics
Revision: 28-Aug-12
TE1160 VISHAY-TE1160 Datasheet
77Kb / 5P
   Aluminum Capacitors Little-Lytic Electrolytics
Revision: 06-Dec-13
TE VISHAY-TE Datasheet
76Kb / 5P
   Aluminum Capacitors Little-Lytic Electrolytics
Revision: 28-Aug-12
TE1211 VISHAY-TE1211 Datasheet
77Kb / 5P
   Aluminum Capacitors Little-Lytic Electrolytics
Revision: 06-Dec-13
39D408G025JS6 VISHAY-39D408G025JS6 Datasheet
105Kb / 9P
   Aluminum Capacitors 85 °C, Powerlytic® Electrolytics
Revision: 17-Nov-06
39D VISHAY-39D Datasheet
88Kb / 8P
   Aluminum Capacitors 85 °C, Powerlytic® Electrolytics
Revision: 20-Mar-13
156PUM-SI VISHAY-156PUM-SI Datasheet
127Kb / 7P
   Aluminum Capacitors Aluminum Capacitors
Revision: 18-Aug-08
ECL VISHAY-ECL Datasheet
86Kb / 5P
   Aluminum Capacitors
Revision: 17-Jul-08
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com