Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

76ST01 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. 76ST01
Description  Thru-Hole DIP Switches
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo ETC1 - List of Unclassifed Manufacturers

76ST01 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  76ST01 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois 60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Thru-Hole DIP Switches
FEATURES
• Raised and Recessed Rocker,
and Toggle Actuated Styles
• DPDT with Common Poles, or
DPDT with 4 Isolated Circuits
• Spring and Ball Contact
• Top Tape Seal Option for
Most Styles
1
C1
C2
2
.380 ± .010
(9,65 ± 0,25)
.380 ± .010
(9,65 ± 0,25)
.020
± .002
(0,51
± 0,05)
TYP.
.090 ± .005
(2,29 ± 0,13)
TYP.
.100 ± .005
(2,54 ± 0,13)
TYP.
Toggle-DIP
CIRCUITRY: Series 76
DIMENSIONS: Series 78 In inches (and millimeters)
CIRCUITRY: Series 78
DIMENSIONS: Series 76 In inches (and millimeters)
To create common poles, tie together 2
adjoining terminals on 1 (either) side of switch.
ORDERING INFORMATION
Circuitry
No./
Length
Length
No./
Raised
Recessed
Toggle-
Positions
Inches
Metric
Tube
Type*
Rockers*
DIP*
DPDT
1
0.380"
9,7mm
27
76SD01
76RSD01
76STD01
Form D
2
0.780"
19,8mm
13
76SD02
76RSD02
76STD02
DPDT
1
0.480"
12,2mm
21
78K01
——
4 Circ.
2
0.880"
22,4mm
12
78K02
——
A top tape seal is required for switches that are machine soldered or heavily cleaned after hand
soldering. To order top seal versions, add "S" to the Grayhill part number. Not available on Toggle-
DIP.
ADDITIONAL INFORMATION
For Specifications, see page B-14. For Options
and Accessories, see page B-20.
Available from your local Grayhill Distributor.
For prices and discounts, contact a local Sales
Office, an authorized local Distributor or Grayhill.
DPDT, 4 Circuits
(No Commons)
Dot on cover indicates active terminal when
slide is on that side of switch. Contact is made
with terminal on opposite side.
Series 78 Slide
DPDT with Commons
True Form D Switching
Series 76 Raised Rocker, Double-DIP
Recessed Rocker
.247 ± .010
(6,27 ± 0,25)
1
C1
C2
2
1
C1
C2
2
1 C1
2
C2
1 C1 2
C2
1
C
L
C
L
2
.380 ± .005
(9,65 ± 0,25)
DIM. A
SEE CHART
.300 ± .002
(7,62 ± 0,05)
.020 ± .002
(0,51 ± 0,05) TYP.
.090 ± .005 (2,29 ± 0,13) TYP.
.100 ± .005 (2,54 ± 0,13) TYP.
1
1
.447 ± .015
(11,35 ± 0,38)
TYP.
C
L
C
L
.070 (1,78) REF.
A
.295 + .000 –.020
(7,49 –0,51)
.020
± .002
(0,51
± 0,05)
.156 + .015 –.010
(3,96 + 0,38 –0,25) TYP.
A = .245 + .000 –.020
(6,22 + 0,51)
.050 ± .005
(1,27 ± 0,13)
TYP.
.180 ± .010 (4,57 ± 0,25)
.012 ± .001 (0,30 ± 0,03)
.300 + .030 –.000
(7,62 + 0,76)
C
L
C
L
A
A = .247 ± .010
(6,27 ± 0,25)
.295 + .000 –.020
(7,49 –0,51)
.020 + .005 –.000
(0,51 + 0,13)
.050 ± .005
(1,27 ± 0,13)
.180 ± .010
(4,57 ± 0,25)
.012 ± .001
(0,30 ± 0,03)
.300 + .030 –.000
(7,62 + 0,76)
.156 + .015 –.010
(3,96 + 0,38 –0,25)
SERIES 76 and 78
DPDT
B-13


Html Pages

1 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
76RSB04SThru-Hole DIP Switches 1 List of Unclassifed Manufacturers
NMC95C121024-bit CMOS EEPROM with DIP Switches 1 2 3 4 5 MoreNational Semiconductor (TI)
DDS001Micro Mini Thru-hole Detect Switches 1 2 ITT Industries
TDA10H0SK1RUltra-miniature Surface Mount Half-pitch DIP Switches 1 List of Unclassifed Manufacturers
A6RLow-cost Rotary DIP Switches 1 2 3 4 Omron Electronics LLC
BPA02BSide Actuated DIP Switches 1 2 ITT Industries
832A-583 SERIES MOLDED DIP THRU-HOLE AND SURFACE MOUNT DRY REED RELAYS 1 2 List of Unclassifed Manufacturers
CRD10RM0AK10mm DIP Coded Rotary Switches 1 2 3 4 ITT Industries
BD01Standard Profile DIP Switches 1 2 ITT Industries
CD08RM0AK8mm DIP Coded Rotary Switches 1 2 3 4 ITT Industries

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn