Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT8636-S3 Datasheet(PDF) 6 Page - Advanced Analog Technology, Inc.

Part # AAT8636-S3
Description  ONE-CELL LI-ION BATTERY PROTECTION IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT8636-S3 Datasheet(HTML) 6 Page - Advanced Analog Technology, Inc.

Back Button AAT8636-S3 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT8636-S3 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT8636-S3 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT8636-S3 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT8636-S3 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT8636-S3 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT8636-S3 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT8636-S3 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT8636-S3 Datasheet HTML 10Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Advanced Analog Technology, Inc.
台灣類比科技股份有限公司
Advanced Analog Technology, Inc.
Page 6 of 16
V 1.0
AAT8636 Series
ELECTRICAL CHARACTERISTICS
•AAT8636B
oper
T
=25℃
Symbol
Item
Conditions
Min
Typ
Max
Unit
1
DD
V
Operating Input Voltage
Voltage Defined as
GND
V
DD
1.5
10.0
V
1
C
V
Over Charge Threshold Voltage
Detect Rising Edge of Supply
Voltage
4.26
4.28
4.30
V
HYS
V
Over Charge Threshold
Hysteresis Range
0.15
0.20
0.25
V
1
C
t
Over Charge Delay Time
F
01
.
0
C
3
µ
=
,
DD
V
=3.6V to
4.4V
60
75
90
ms
1
D
V
Over Discharge Threshold
Voltage
Detect Falling Edge of
Supply Voltage
2.437
2.500
2.563
V
1
D
t
Over Discharge Delay Time
DD
V
=3.6V to 2.4V
7
10
13
ms
OC
V
Over Current Detection Voltage
Detect Rising Edge of VN
Pin Voltage
0.17
0.20
0.23
V
OC
t
Over Current Detection Delay
Time
DD
V
=3.0V
9
13
17
ms
short
V
Short Circuit Detection Voltage
DD
V
=3.0V
2
.
1
V
DD
9
.
0
V
DD
6
.
0
V
DD
V
short
t
Short Circuit Detection Delay
Time
DD
V
=3.0V
5
50
s
µ
short
R
Reset Resistance for Over
Current Protection
DD
V
=3.6V, VN=1.0V
50
100
150
k
1
OL
V
Nch ON Voltage of
OUT
C
OL
I=50 A
µ ,
DD
V
=4.4V
0.35
0.50
V
1
OH
V
Pch ON Voltage of
OUT
C
OH
I= 50
A
µ ,
DD
V
=3.9V
3.4
3.7
V
2
OL
V
Nch ON Voltage of
OUT
D
OL
I=50 A
µ ,
DD
V
=2.4V
0.2
0.5
V
2
OH
V
Pch ON Voltage of
OUT
D
OH
I= 50
A
µ ,
DD
V
=3.9V
3.4
3.7
V
DD
I
Supply Current
DD
V
=3.9V,VN =0V
3.0
5.0
A
µ
dby
tan
s
I
Standby Current
DD
V
=2.0V
0.1
A
µ


Similar Part No. - AAT8636-S3

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT8635 AAT-AAT8635 Datasheet
168Kb / 17P
   ONE-CELL LI-ION BATTERY PROTECTION IC
AAT8635-S3 AAT-AAT8635-S3 Datasheet
168Kb / 17P
   ONE-CELL LI-ION BATTERY PROTECTION IC
AAT8635-S3-T AAT-AAT8635-S3-T Datasheet
168Kb / 17P
   ONE-CELL LI-ION BATTERY PROTECTION IC
More results

Similar Description - AAT8636-S3

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT8635 AAT-AAT8635 Datasheet
168Kb / 17P
   ONE-CELL LI-ION BATTERY PROTECTION IC
AAT8640 AAT-AAT8640 Datasheet
609Kb / 25P
   ONE-CELL LI-ION BATTERY PROTECTION IC
AAT8641 AAT-AAT8641 Datasheet
626Kb / 25P
   ONE-CELL LI-ION BATTERY PROTECTION IC
AAT8660 AAT-AAT8660 Datasheet
555Kb / 25P
   ONE-CELL LI-ION BATTERY PROTECTION IC
AAT8661 AAT-AAT8661 Datasheet
567Kb / 25P
   ONE-CELL LI-ION BATTERY PROTECTION IC
logo
List of Unclassifed Man...
AAT8660 ETC-AAT8660 Datasheet
586Kb / 24P
   ONE-CELL LI-ION BATTERY PROTECTION IC
logo
E-CMOS Corporation
EC9526 E-CMOS-EC9526 Datasheet
505Kb / 7P
   One-cell Li-ion/Li-polymer battery protection IC
logo
Mitsumi Electronics, Co...
MM3638 MITSUMI-MM3638 Datasheet
50Kb / 4P
   One-cell li-ion/li-polymer battery protection IC
MM3511 MITSUMI-MM3511 Datasheet
46Kb / 3P
   One-cell li-ion/li-polymer battery protection IC
logo
Shenzhen Huazhimei Semi...
HM5434 HMSEMI-HM5434 Datasheet
1Mb / 11P
   One Cell Li-ion and Li-poly Battery Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com